Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPFU Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # LPFU
Description  Power Transducer Series L-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LPFU Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  LPFU Datasheet HTML 1Page - M-System Co.,Ltd. LPFU Datasheet HTML 2Page - M-System Co.,Ltd. LPFU Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: LPFU
http://www.m-system.co.jp/
LPFU SPECIFICATIONS
ES-1995 Rev.5 Page 1/3
Power Transducer Series L-UNIT
POWER FACTOR TRANSDUCER
(for unbalanced load)
Functions & Features
• Providing a DC output signal in proportion to power factor
• DC output containing little ripple is ideal for computer
input
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Centralized monitoring and control of power management
system in a manufacturing facility or building
• Measuring power factor for a motor
75
(2.95)
112
(4.41)
75
(2.95)
mm (inch)
MODEL: LPFU–[1][2][3][4][5]–[6][7]
ORDERING INFORMATION
• Code number: LPFU–[1][2][3][4][5]-[6][7]
Specify a code from below for each [1] through [7].
(e.g. LPFU-111PA-C/Q)
• Special DC output range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] CONFIGURATION
1: 3-phase / 3-wire
4: 3-phase / 4-wire
[2] INPUT (unbalanced load)
1: 110 V / 5 A AC
2: 110 V / 1 A AC
3: 220 V / 1 A AC
4: 220 V / 5 A AC
5: 220 V / 380 V / 1 A AC (3-phase / 4-wire)
6: 220 V / 380 V / 5 A AC (3-phase / 4-wire)
7: 110 V / 190 V / 1 A AC (3-phase / 4-wire)
8: 110 V / 190 V / 5 A AC (3-phase / 4-wire)
(220 V in code 5 and 6, and 110 V in code 7 and 8
are phase voltage)
[3] FREQUENCY
1: 50 Hz
2: 60 Hz
[4] OUTPUT SIGNAL POLARITY
P: Negative in lag, positive in lead
M: Negative in lead, positive in lag
[5] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 600 Ω max.)
FW: -10 – +10 mA DC (Load resistance 1000 Ω max.)
GW: -1 – +1 mA DC (Load resistance 10 kΩ max.)
JW: -5 – +5 mA DC (Load resistance 2000 Ω max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
1W: -10 – +10 mV DC (Load resistance 10 kΩ min.)
2W: -100 – +100 mV DC (Load resistance 100 kΩ min.)
3W: -1 – +1 V DC (Load resistance 1000 Ω min.)
4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
5W: -5 – +5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[6] AUXILIARY POWER SUPPLY
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
R: 24 V DC
V: 48 V DC
P: 110 V DC
[7] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating


Similar Part No. - LPFU

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
LPFUN MSYSTEM-LPFUN Datasheet
110Kb / 3P
Power Transducer Series L-UNIT
LPFUN-111M1W MSYSTEM-LPFUN-111M1W Datasheet
110Kb / 3P
Power Transducer Series L-UNIT
LPFUN-111M1W/Q MSYSTEM-LPFUN-111M1W/Q Datasheet
110Kb / 3P
Power Transducer Series L-UNIT
LPFUN-111M2W MSYSTEM-LPFUN-111M2W Datasheet
110Kb / 3P
Power Transducer Series L-UNIT
LPFUN-111M2W/Q MSYSTEM-LPFUN-111M2W/Q Datasheet
110Kb / 3P
Power Transducer Series L-UNIT
More results

Similar Description - LPFU

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
L2CE MSYSTEM-L2CE Datasheet
102Kb / 3P
Power Transducer Series L-UNIT
L2PA MSYSTEM-L2PA Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
L2PNA MSYSTEM-L2PNA Datasheet
107Kb / 3P
Power Transducer Series L-UNIT
LCNA MSYSTEM-LCNA Datasheet
104Kb / 2P
Power Transducer Series L-UNIT
LDPE MSYSTEM-LDPE Datasheet
109Kb / 3P
Power Transducer Series L-UNIT
LPNE MSYSTEM-LPNE Datasheet
104Kb / 2P
Power Transducer Series L-UNIT
LPE MSYSTEM-LPE Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
LPCE MSYSTEM-LPCE Datasheet
113Kb / 3P
Power Transducer Series L-UNIT
LPAUN MSYSTEM-LPAUN Datasheet
111Kb / 3P
Power Transducer Series L-UNIT
LWTN MSYSTEM-LWTN Datasheet
146Kb / 5P
Power Transducer Series L-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com