Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPD Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # LPD
Description  Power Transducer Series L-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LPD Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  LPD Datasheet HTML 1Page - M-System Co.,Ltd. LPD Datasheet HTML 2Page - M-System Co.,Ltd. LPD Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: LPD
http://www.m-system.co.jp/
LPD SPECIFICATIONS
ES-1989 Rev.6 Page 1/3
Power Transducer Series L-UNIT
PHASE ANGLE TRANSDUCER
(between two voltages)
Functions & Features
• Providing a DC output signal in proportion to phase angle
between two voltages
• Can accept both line voltages and phase voltages
• DC output containing little ripple is ideal for computer
input
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Matching the phase of two power lines in order to turn on
the circuit breaker
75
(2.95)
112
(4.41)
75
(2.95)
mm (inch)
MODEL: LPD–[1][2][3][4]–[5][6]
ORDERING INFORMATION
• Code number: LPD–[1][2][3][4]-[5][6]
Specify a code from below for each [1] through [6].
(e.g. LPD-11MA-C/Q)
• Special output range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT VOLTAGE
Phase voltage / line voltage
1: 63.5 V / 110 V AC
2: 127 V / 220 V AC
3: 110 V / 190 V AC
4: 220 V / 380 V AC
[2] INPUT RANGE
1: Lag 30°– 0 – lead 30° or
Lead 30° – 0 – lag 30°
2: Lag 45°– 0 – lead 45° or
Lead 45° – 0 – lag 45°
3: Lag 60°– 0 – lead 60° or
Lead 60° – 0 – lag 60°
[3] OUTPUT SIGNAL POLARITY
P: Negative in lag, positive in lead
M: Negative in lead, positive in lag
[4] OUTPUT
Current
A: 4 – 20 mA DC (Load resistance 550 Ω max.)
B: 2 – 10 mA DC (Load resistance 1100 Ω max.)
C: 1 – 5 mA DC (Load resistance 2200 Ω max.)
D: 0 – 20 mA DC (Load resistance 550 Ω max.)
E: 0 – 16 mA DC (Load resistance 650 Ω max.)
F: 0 – 10 mA DC (Load resistance 1100 Ω max.)
G: 0 – 1 mA DC (Load resistance 11 kΩ max.)
J: 0 – 5 mA DC (Load resistance 2200 Ω max.)
DW: -20 – +20 mA DC (Load resistance 550 Ω max.)
FW: -10 – +10 mA DC (Load resistance 1100 Ω max.)
GW: -1 – +1 mA DC (Load resistance 11 kΩ max.)
JW: -5 – +5 mA DC (Load resistance 2200 Ω max.)
Z: Specify current (See OUTPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Load resistance 10 kΩ min.)
2: 0 – 100 mV DC (Load resistance 100 kΩ min.)
3: 0 – 1 V DC (Load resistance 1000 Ω min.)
4: 0 – 10 V DC (Load resistance 10 kΩ min.)
5: 0 – 5 V DC (Load resistance 5000 Ω min.)
6: 1 – 5 V DC (Load resistance 5000 Ω min.)
1W: -10 – +10 mV DC (Load resistance 10 kΩ min.)
2W: -100 – +100 mV DC (Load resistance 100 kΩ min.)
3W: -1 – +1 V DC (Load resistance 1000 Ω min.)
4W: -10 – +10 V DC (Load resistance 10 kΩ min.)
5W: -5 – +5 V DC (Load resistance 5000 Ω min.)
0: Specify voltage (See OUTPUT SPECIFICATIONS)
[5] AUXILIARY POWER SUPPLY
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
R: 24 V DC
V: 48 V DC
P: 110 V DC


Similar Part No. - LPD

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LPD-1 MINI-LPD-1 Datasheet
68Kb / 1P
Phase Detectors 1000mV DC output , 7dBmRF
logo
Siemens Semiconductor G...
LPD-80A SIEMENS-LPD-80A Datasheet
24Kb / 1P
PHOTODARLINGTON
logo
Artesyn Technologies
LPD10 ARTESYN-LPD10 Datasheet
44Kb / 2P
Single, dual and triple output 10 Watt Wide input DC/DC converters
LPD10-24D12-C ARTESYN-LPD10-24D12-C Datasheet
44Kb / 2P
Single, dual and triple output 10 Watt Wide input DC/DC converters
LPD10-24D15-C ARTESYN-LPD10-24D15-C Datasheet
44Kb / 2P
Single, dual and triple output 10 Watt Wide input DC/DC converters
More results

Similar Description - LPD

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
L2CE MSYSTEM-L2CE Datasheet
102Kb / 3P
Power Transducer Series L-UNIT
L2PA MSYSTEM-L2PA Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
L2PNA MSYSTEM-L2PNA Datasheet
107Kb / 3P
Power Transducer Series L-UNIT
LCNA MSYSTEM-LCNA Datasheet
104Kb / 2P
Power Transducer Series L-UNIT
LDPE MSYSTEM-LDPE Datasheet
109Kb / 3P
Power Transducer Series L-UNIT
LPNE MSYSTEM-LPNE Datasheet
104Kb / 2P
Power Transducer Series L-UNIT
LPE MSYSTEM-LPE Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
LPCE MSYSTEM-LPCE Datasheet
113Kb / 3P
Power Transducer Series L-UNIT
LPAUN MSYSTEM-LPAUN Datasheet
111Kb / 3P
Power Transducer Series L-UNIT
LWTN MSYSTEM-LWTN Datasheet
146Kb / 5P
Power Transducer Series L-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com