Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LEPA Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # LEPA
Description  Power Transducer Series L-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LEPA Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  LEPA Datasheet HTML 1Page - M-System Co.,Ltd. LEPA Datasheet HTML 2Page - M-System Co.,Ltd. LEPA Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: LEPA
http://www.m-system.co.jp/
LEPA SPECIFICATIONS
ES-1946 Rev.1 Page 1/3
Power Transducer Series L-UNIT
PT TRANSDUCER
(super-miniature size; self-powered, average sensing, RMS
calibrated)
Functions & Features
• Converting an alternating current voltage of 0 - 150 V
from a voltage transformer into a low-ripple standard
process signal for computer input
• Dielectric strength 2000 V AC
• No auxiliary power source required
• High-density mounting
Typical Applications
• Centralized monitoring and control of power line and
power supply voltages measured at switch boards
• Monitoring abnormal voltage drops for detecting overload
51 (2.01)
44
(1.73)
80 (3.15)
mm
(inch)
MODEL: LEPA–5[1][2][3]
ORDERING INFORMATION
• Code number: LEPA -5[1][2][3]
Specify a code from below for each [1] through [3].
(e.g. LEPA-51G/Q)
• Load resistance (e.g. 160 Ω)
• Specify the specification for option code /Q
(e.g. /C01/S01)
INPUT
Voltage
5: 0 – 150 V AC
[1] FREQUENCY
1: 50 Hz
2: 60 Hz
[2] OUTPUT
Current
G: 0 – 1 mA DC
Voltage
4: 0 – 10 V DC
5: 0 – 5 V DC
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Stand-alone; terminal access at the front
Connection: M4 screw terminals (torque 1.2 N·m)
Screw terminal: Nickel-plated brass (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Input to output
Input waveform: Sine wave
Overrange output: 0 – 110 %
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
Frequency: 50 Hz or 60 Hz
Input burden: 1 VA
Overload capacity: 150 % of rating for 10sec., 120 %
continuous
Operational range: 0 - 110% of rating
OUTPUT SPECIFICATIONS
■ DC Current
Load resistance
(Output Range) 0 - 1 mA DC: ≤ 5000 Ω
■ DC Voltage
Load resistance
(Output Range) 0 - 10 V DC: ≥ 100 kΩ
0 - 5 V DC: ≥ 50 kΩ


Similar Part No. - LEPA

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LEP100F RSG-LEP100F Datasheet
122Kb / 2P
Rugged PCB type
LEP100F-24 RSG-LEP100F-24 Datasheet
122Kb / 2P
Rugged PCB type
LEP100F-24 RSG-LEP100F-24 Datasheet
612Kb / 6P
AC-DC Power Supplies Open Frame/ Enclosed type
LEP100F-24 RSG-LEP100F-24 Datasheet
612Kb / 6P
AC-DC Power Supplies Open Frame/ Enclosed type
LEP100F-24 RSG-LEP100F-24 Datasheet
612Kb / 6P
AC-DC Power Supplies Open Frame/ Enclosed type
More results

Similar Description - LEPA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
L2CE MSYSTEM-L2CE Datasheet
102Kb / 3P
Power Transducer Series L-UNIT
L2PA MSYSTEM-L2PA Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
L2PNA MSYSTEM-L2PNA Datasheet
107Kb / 3P
Power Transducer Series L-UNIT
LCNA MSYSTEM-LCNA Datasheet
104Kb / 2P
Power Transducer Series L-UNIT
LDPE MSYSTEM-LDPE Datasheet
109Kb / 3P
Power Transducer Series L-UNIT
LPNE MSYSTEM-LPNE Datasheet
104Kb / 2P
Power Transducer Series L-UNIT
LPE MSYSTEM-LPE Datasheet
104Kb / 3P
Power Transducer Series L-UNIT
LPCE MSYSTEM-LPCE Datasheet
113Kb / 3P
Power Transducer Series L-UNIT
LPAUN MSYSTEM-LPAUN Datasheet
111Kb / 3P
Power Transducer Series L-UNIT
LWTN MSYSTEM-LWTN Datasheet
146Kb / 5P
Power Transducer Series L-UNIT
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com