Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LK1-2-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # LK1-2-R
Description  TRANSMISSION LEVEL CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LK1-2-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  LK1-2-R Datasheet HTML 1Page - M-System Co.,Ltd. LK1-2-R Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL: LK1
LK1 SPECIFICATIONS
ES-6981 Rev.10 Page 2/2
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
112 (4.41)
[3.3 (.13)]
DIN RAIL
35mm wide
8 (.31)
M3.5 SCREW
(Only on the used terminals)
75 (2.95)
TERMINAL
COVER
2–5.8 (.23) dia. or
2–4.8 (.18) dia.
MTG HOLE
8 (.31) deep
•When mounting, no extra space is needed between units.
9 10 11 12 13 14 15 16
1 2
3
4
5
6
7 8
MOUNTING REQUIREMENTS unit: mm (inch)
2–M5
60 (2.36)
■ M5 SCREWS
2–M4
60 (2.36)
■ M4 SCREWS
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
+
*Close across the terminal 4 – 5 when the LK1 unit is at an end of RS-485 transmission line.
TWISTED-PAIR
1
RS-485
Transceiver
2
4
5
U(+)
V(–)
POWER
9
10
RS-232C
Transceiver
Send/Xmit
Controller
3
2
1
4
5
6
20
7
RS
CS
DR
ER
SG1
SD
RD
SD
RD
3
Terminator
*
SG
GROUND
TRANSMITED DATA
RECEIVED DATA
REQUEST TO SEND
CLEAR TO SEND
DCE READY
DTE READY
SIGNAL GROUND
All other terminal numbers
are left unused.
RS-232-C 25-pin
D-sub Connector (female)
Isolation
Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com