Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSMT4-11A1-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # LSMT4-11A1-R
Description  Power Transducer Series
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LSMT4-11A1-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  LSMT4-11A1-R Datasheet HTML 1Page - M-System Co.,Ltd. LSMT4-11A1-R Datasheet HTML 2Page - M-System Co.,Ltd. LSMT4-11A1-R Datasheet HTML 3Page - M-System Co.,Ltd. LSMT4-11A1-R Datasheet HTML 4Page - M-System Co.,Ltd. LSMT4-11A1-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
MODEL: LSMT4
LSMT4 SPECIFICATIONS
ES-1957 Rev.6 Page 5/5
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS unit: mm [inch]
7.2 (.28)
24–M3.5 TERMINAL SCREW
DIN RAIL
35mm wide
4–4.5 (.17) DIA. MTG HOLE
[3.3 (.13)]
6.5 (.26)
116 (4.57)
75 (2.95)
125 (4.92)
TERMINAL COVER
8.6 (.34)
13–M4 TERMINAL SCREW
MOUNTING REQUIREMENTS unit: mm [inch]
130 (5.12) min.
75 (2.95)
4-M4
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com