Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTCE-5A-R Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # LTCE-5A-R
Description  Power Transducer Series LT-UNIT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LTCE-5A-R Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  LTCE-5A-R Datasheet HTML 1Page - M-System Co.,Ltd. LTCE-5A-R Datasheet HTML 2Page - M-System Co.,Ltd. LTCE-5A-R Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MODEL: LTCE
LTCE SPECIFICATIONS
ES-3351 Rev.11 Page 3/3
https://www.m-system.co.jp/
CONNECTION DIAGRAM
+
–
OUTPUT
4
5
1
2
LOAD
SOURCE
k
l
CT
L
K
U(+)
V(–)
6
7
AUXILIARY POWER
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
5
4
6
7
1
2
3
[4 (.16)]
143 (5.63)
DIN RAIL
35mm wide
8 (.31)
27 (1.06)
39 (1.54)
• When mounting, no extra space is needed between units.
2–M4 MTG HOLE
7–M4 SCREW
10 (.39)
3
(.12)
TERMINAL COVER (option /T)
Specifications are subject to change without notice.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com