Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KSL-65-S/Q Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # KSL-65-S/Q
Description  Plug-in Signal Conditioners K-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

KSL-65-S/Q Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  KSL-65-S/Q Datasheet HTML 1Page - M-System Co.,Ltd. KSL-65-S/Q Datasheet HTML 2Page - M-System Co.,Ltd. KSL-65-S/Q Datasheet HTML 3Page - M-System Co.,Ltd. KSL-65-S/Q Datasheet HTML 4Page - M-System Co.,Ltd. KSL-65-S/Q Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MODEL: KSL
KSL SPECIFICATIONS
ES-3613 Rev.10 Page 1/5
http://www.m-system.co.jp/
Plug-in Signal Conditioners K-UNIT
DC ALARM
(rotary switch adjustments)
Functions & Features
• Providing relay contact closures at preset DC input levels
• Dual (Hi/Lo) trip
• Rotary switch setpoint adjustments
• Enclosed relays
• Relays can be powered 110 V DC
• Isolation up to 2000 V AC
• High-density mounting
Typical Applications
• Annunciator
• Various alarm applications
50
(1.97)
123*
(4.84)
80
(3.15)
mm (inch)
x10
HI SET.
(%)
X1
x10
LO SET.
(%)
X1
45
45
45
45
KSL
Model
K•UNIT
*132 (5.20) for KSL-x5
MODEL: KSL–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: KSL-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. KSL-62-B/Q)
• Special input range (For codes Z & 0)
• Specify the specification for option code /Q
(e.g. /C01/S01)
[1] INPUT
Current
A: 4 – 20 mA DC (Input resistance 250 Ω)
A1: 4 – 20 mA DC (Input resistance 50 Ω)
B: 2 – 10 mA DC (Input resistance 500 Ω)
C: 1 – 5 mA DC (Input resistance 1000 Ω)
D: 0 – 20 mA DC (Input resistance 50 Ω)
E: 0 – 16 mA DC (Input resistance 62.5 Ω)
F: 0 – 10 mA DC (Input resistance 100 Ω)
G: 0 – 1 mA DC (Input resistance 1000 Ω)
H: 10 – 50 mA DC (Input resistance 100 Ω)
J: 0 – 10 μA DC (Input resistance 1000 Ω)
K: 0 – 100 μA DC (Input resistance 1000 Ω)
GW: -1 – +1 mA DC (Input resistance 1000 Ω)
FW: -10 – +10 mA DC (Input resistance 100 Ω)
Z: Specify current (See INPUT SPECIFICATIONS)
Voltage
1: 0 – 10 mV DC (Input resistance 10 kΩ min.)
15: 0 – 50 mV DC (Input resistance 10 kΩ min.)
16: 0 – 60 mV DC (Input resistance 10 kΩ min.)
2: 0 – 100 mV DC (Input resistance 100 kΩ min.)
3: 0 – 1 V DC (Input resistance 1 MΩ min.)
4: 0 – 10 V DC (Input resistance 1 MΩ min.)
5: 0 – 5 V DC (Input resistance 1 MΩ min.)
6: 1 – 5 V DC (Input resistance 1 MΩ min.)
4W: -10 – +10 V DC (Input resistance 1 MΩ min.)
5W: -5 – +5 V DC (Input resistance 1 MΩ min.)
0: Specify voltage (See INPUT SPECIFICATIONS)
[2] OUTPUT
2: Relay; N.O. or make contact
3: Relay; N.C. or break contact
5: Relay; SPDT or transfer contact
[3] POWER INPUT
AC Power
B: 100 V AC
C: 110 V AC
D: 115 V AC
F: 120 V AC
G: 200 V AC
H: 220 V AC
J: 240 V AC
DC Power
S: 12 V DC
R: 24 V DC
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q (multiple selections)
COATING (For the detail, refer to M-System's web site.)
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel


Similar Part No. - KSL-65-S/Q

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSL-0A2-11-LFTR CK-COMPONENTS-KSL-0A2-11-LFTR Datasheet
482Kb / 5P
Sealed Tact Switch
2021
KSL-0A23-1-LFTR CK-COMPONENTS-KSL-0A23-1-LFTR Datasheet
482Kb / 5P
Sealed Tact Switch
2021
KSL-0A3-11-LFTR CK-COMPONENTS-KSL-0A3-11-LFTR Datasheet
482Kb / 5P
Sealed Tact Switch
2021
KSL-0A33-1-LFTR CK-COMPONENTS-KSL-0A33-1-LFTR Datasheet
482Kb / 5P
Sealed Tact Switch
2021
KSL-0A4-11-LFTR CK-COMPONENTS-KSL-0A4-11-LFTR Datasheet
482Kb / 5P
Sealed Tact Switch
2021
More results

Similar Description - KSL-65-S/Q

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
KPRU MSYSTEM-KPRU Datasheet
133Kb / 4P
Plug-in Signal Conditioners K-UNIT
KMM MSYSTEM-KMM Datasheet
93Kb / 3P
Plug-in Signal Conditioners K-UNIT
KFS MSYSTEM-KFS Datasheet
114Kb / 4P
Plug-in Signal Conditioners K-UNIT
KEP MSYSTEM-KEP Datasheet
105Kb / 3P
Plug-in Signal Conditioners K-UNIT
KDY MSYSTEM-KDY Datasheet
100Kb / 3P
Plug-in Signal Conditioners K-UNIT
KBS MSYSTEM-KBS Datasheet
116Kb / 4P
Plug-in Signal Conditioners K-UNIT
KAPU MSYSTEM-KAPU Datasheet
153Kb / 5P
Plug-in Signal Conditioners K-UNIT
KAP MSYSTEM-KAP Datasheet
113Kb / 4P
Plug-in Signal Conditioners K-UNIT
KSP MSYSTEM-KSP Datasheet
104Kb / 3P
Plug-in Signal Conditioners K-UNIT
KSF MSYSTEM-KSF Datasheet
107Kb / 3P
Plug-in Signal Conditioners K-UNIT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com