Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32H723VE Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM32H723VE
Description  32-bit Arm® Cortex®-M7 550 MHz MCU, up to 1 MB Flash memory, 564 KB RAM, 35 comms peripherals and analog interfaces
PDF  227 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H723VE Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM32H723VE Datasheet HTML 17Page - STMicroelectronics STM32H723VE Datasheet HTML 18Page - STMicroelectronics STM32H723VE Datasheet HTML 19Page - STMicroelectronics STM32H723VE Datasheet HTML 20Page - STMicroelectronics STM32H723VE Datasheet HTML 21Page - STMicroelectronics STM32H723VE Datasheet HTML 22Page - STMicroelectronics STM32H723VE Datasheet HTML 23Page - STMicroelectronics STM32H723VE Datasheet HTML 24Page - STMicroelectronics STM32H723VE Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 227 page
background image
DS13313 Rev 2
21/227
STM32H723xE/G
Functional overview
52
3.3
Memories
3.3.1
Embedded Flash memory
The STM32H723xE/G devices embed up to 1 Mbyte of Flash memory that can be used for
storing programs and data.
The Flash memory is organized as 266-bit Flash words memory that can be used for storing
both code and data constants. Each word consists of:
•
one Flash word (8 words, 32 bytes or 256 bits)
•
10 ECC bits (single-error correction and double-error detection).
The Flash memory is organized as follows:
•
up to 1 Mbyte of user Flash memory block containing eight user sectors of 128 Kbytes
(4 K Flash memory words)
•
128 Kbytes of system Flash memory from which the device can boot
•
2 Kbytes (64 Flash words) of user option bytes for user configuration
3.3.2
Embedded SRAM
All devices feature:
•
from 128 to 320 Kbytes of AXI-SRAM mapped onto the AXI bus on D1 domain
•
SRAM1 mapped on D2 domain: 16 Kbytes
•
SRAM2 mapped on D2 domain: 16 Kbytes
•
SRAM4 mapped on D3 domain: 16 Kbytes
•
4 Kbytes of backup SRAM
The content of this area is protected against possible unwanted write accesses, and
can be retained in Standby or VBAT mode.
•
RAM mapped to TCM interface (ITCM and DTCM):
Both ITCM and DTCM RAMs are 0 wait state memories. They can be accessed either
from the CPU or the MDMA (even in Sleep mode) through a specific AHB slave of the
Cortex®-M7CPU(AHBSAHBP):
–
64 to 256 Kbytes of ITCM-RAM (instruction RAM)
This RAM is connected to ITCM 64-bit interface designed for execution of critical
real-times routines by the CPU.
–
128 Kbytes of DTCM-RAM (2x 64-Kbyte DTCM-RAMs on 2x32-bit DTCM ports)
The DTCM-RAM could be used for critical real-time data, such as interrupt service
routines or stack/heap memory. Both DTCM-RAMs can be used in parallel (for
load/store operations) thanks to the Cortex®-M7 dual issue capability.
The MDMA can be used to load code or data in ITCM or DTCM RAMs. As reflected
above, 192 Kbyte of RAM can be used either for AXI SRAM or ITCM, with a 64Kbyte
granularity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com