Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SD2139 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SD2139
Description  Silicon NPN triple diffusion planar type(For high-current amplification ratio, power amplification)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SD2139 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SD2139 Datasheet HTML 1Page - Panasonic Semiconductor 2SD2139 Datasheet HTML 2Page - Panasonic Semiconductor 2SD2139 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Power Transistors
2SD2139
Silicon NPN triple diffusion planar type
For high-current amplification ratio, power amplification
s Features
q
High foward current transfer ratio hFE
q
Satisfactory linearity of foward current transfer ratio hFE
q
Allowing supply with the radial taping
s Absolute Maximum Ratings (T
C=25˚C)
Parameter
Collector to base voltage
Collector to emitter voltage
Emitter to base voltage
Peak collector current
Collector current
Base current
Collector power
dissipation
Junction temperature
Storage temperature
Symbol
VCBO
VCEO
VEBO
ICP
IC
IB
PC
Tj
Tstg
Ratings
80
60
6
6
3
1
15
2
150
–55 to +150
Unit
V
V
V
A
A
A
W
˚C
˚C
s Electrical Characteristics (T
C=25˚C)
Parameter
Collector cutoff current
Emitter cutoff current
Collector to emitter voltage
Forward current transfer ratio
Collector to emitter saturation voltage
Transition frequency
Symbol
ICBO
ICEO
IEBO
VCEO
hFE
*
VCE(sat)
fT
Conditions
VCB = 80V, IE = 0
VCE = 40V, IB = 0
VEB = 6V, IC = 0
IC = 25mA, IB = 0
VCE = 4V, IC = 0.5A
IC = 2A, IB = 0.05A
VCE = 12V, IC = 0.2A, f = 10MHz
min
60
500
typ
50
max
100
100
100
2500
1
Unit
µA
µA
µA
V
V
MHz
*h
FE Rank classification
Rank
Q
P
O
hFE
500 to 1000 800 to 1500 1200 to 2500
TC=25°C
Ta=25
°C
Unit: mm
1:Base
2:Collector
3:Emitter
MT4 Type Package
1.0
10.0
±0.2
0.55
±0.1
2.5
±0.2
2.5
±0.2
5.0
±0.1
2.25
±0.2
1.2
±0.1
0.65
±0.1
0.55
±0.1
C1.0
90
°
C1.0
123
1.05
±0.1
0.35
±0.1


Similar Part No. - 2SD2139

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
2SD213 ISC-2SD213 Datasheet
263Kb / 2P
isc Silicon NPN Power Transistor
logo
Toshiba Semiconductor
2SD2130 TOSHIBA-2SD2130 Datasheet
218Kb / 4P
NPN EPITAXIAL TYPE (MICRO MOTOR DRIVE, HAMMER DRIVE, SWITCHING, POWER AMPLIFIER APPLICATIONS)
2SD2131 TOSHIBA-2SD2131 Datasheet
228Kb / 4P
NPN TRIPLE DIFFUSED TYPE (HIGH POWER SWITCHING, HAMMER DRIVE, PULSE MOTOR DRIVE APPLICATIONS)
2SD2131 TOSHIBA-2SD2131 Datasheet
148Kb / 5P
Silicon NPN Triple Diffused Type (Darlington)
2SD2131 TOSHIBA-2SD2131_06 Datasheet
148Kb / 5P
Silicon NPN Triple Diffused Type (Darlington)
More results

Similar Description - 2SD2139

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SD1250 PANASONIC-2SD1250 Datasheet
48Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1252 PANASONIC-2SD1252 Datasheet
49Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1266 PANASONIC-2SD1266 Datasheet
47Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1274 PANASONIC-2SD1274 Datasheet
56Kb / 3P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1499 PANASONIC-2SD1499 Datasheet
44Kb / 2P
Silicon NPN triple diffusion planar type(For high power amplification)
2SD1751 PANASONIC-2SD1751 Datasheet
48Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD1985 PANASONIC-2SD1985 Datasheet
47Kb / 2P
Silicon NPN triple diffusion planar type(For power amplification)
2SD2052 PANASONIC-2SD2052 Datasheet
52Kb / 3P
Silicon NPN triple diffusion planar type(For high power amplification)
2SD2064 PANASONIC-2SD2064 Datasheet
51Kb / 3P
Silicon NPN triple diffusion planar type(For high power amplification)
2SD2137 PANASONIC-2SD2137 Datasheet
54Kb / 3P
Silicon NPN triple diffusion planar type(For power amplification)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com