Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SS50L Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # 2SS50L
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

2SS50L Datasheet(HTML) 2 Page - Rectron Semiconductor

  2SS50L Datasheet HTML 1Page - Rectron Semiconductor 2SS50L Datasheet HTML 2Page - Rectron Semiconductor 2SS50L Datasheet HTML 3Page - Rectron Semiconductor 2SS50L Datasheet HTML 4Page - Rectron Semiconductor 2SS50L Datasheet HTML 5Page - Rectron Semiconductor 2SS50L Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT RATED PEAK REVERSE VOLTAGE, (%)
AMBIENT TEMPERATURE, (
OC)
0
0.01
0.1
1
10
0
0.5
1.0
1.5
2.0
0.2
0.4
0.6
0.8
1.6
1.8
1.0
1.2
1.4
2.0
175
150
125
100
75
50
255
RATING AND CHARACTERISTICS CURVES(2SS20LV THRU 2SS60LV)
FIG.3
REVERSE CHARACTERISTICS
FIG.1 TY
YPICAL FORWARD CURRENT
DERATING CURVE
FIG.2
INSTANTANEOUS
FORWARD CHARACTE
ERISTICS
Single
Half Wave 60HZ
Resistiveor
Inductive Load
0.375" (9.5mm) Lead Length
TA =25
OC
Pulse Width = 300mS
1% Duty Cycle
REVERSE VOLTAGE, (V)
0
0
1000
100
10
10000
100000
15
510
20
FIG.4 TYPICAL TOTAL CAPACITANCE
020
0.001
0.1
0.01
1.0
10
100
100
120
40
60
80
140
2SS20L~2SS40L
2SS50L~2SS60L
T
=
A
150
OC
TA =25
OC
TA =75
OC
MAXIMUM
MAXIMUM
MAXIMUM
MAXIMUM
NUMBER OF CYCLES AT 60Hz
1
0
30
15
45
25
60
8
6
2
4
10
20
40
80 100
FIG.5 TYPICAL REVERSE CHARACTERISTICS
8.3mS Single Half Sine-Wave
JEDEC Method
?? ?? ?? ?? ?? ?? ??



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com