Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3SS40 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # 3SS40
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

3SS40 Datasheet(HTML) 2 Page - Rectron Semiconductor

  3SS40 Datasheet HTML 1Page - Rectron Semiconductor 3SS40 Datasheet HTML 2Page - Rectron Semiconductor 3SS40 Datasheet HTML 3Page - Rectron Semiconductor 3SS40 Datasheet HTML 4Page - Rectron Semiconductor 3SS40 Datasheet HTML 5Page - Rectron Semiconductor 3SS40 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
INSTANTANEOUS FORWARD VOLTAGE, (V)
LEAD TEMPERATURE, (
OC)
0
0.1
0.01
10
1.0
100
0
0.5
1.0
1.5
2.0
2.5
3.0
20
40
60
80
100
120
140
125
150
50
25
75
100
0
0.2
0.3
0.4
0.7
0.9
0.6
0.1
1.0
10
20
0.5
0.8
RATING AND CHARACTERISTICS CURVES ( 3SS40 )
FFIIG
G..33 TTYYPPIICCAALL IINNSSTTAANNTTAANNEEO
OUUSS FFO
ORRW
WAARRDD
CCHHAARRAACCTTEERRIISSTTIICCSS
FFIIG
G..11 TTYYPPIICCAALL FFO
ORRW
WAARRDD CCUURRRREENNTT
DDEERRAATTIINNG
G CCUURRVVEE
FFIIG
G..22 TTYYPPIICCAALL RREEVVEERRSSEE
CCHHAARRAACCTTEERRIISSTTIICCSS
REVERSE VOLTAGE, (V)
0.1
5
50
20
10
100
200
500
20
0.5
0.2
1
5
2
10
40
FFIIG
G..44 TTYYPPIICCAALL JJUUNNCCTTIIO
ONN CCAAPPAACCIITTAANNCCEE
NUMBER OF CYCLES AT 60Hz
1
50
20
10
60
30
40
80
70
2
5
10
20
50
100
FFIIG
G..55 M
MAAXXIIM
MUUM
M NNO
ONN--RREEPPEETTIITTIIVVEE FFO
ORRW
WAARRDD
SSUURRG
GEE CCUURRRREENNTT
TA = 25 OC
TA =150 OC
TJ = 25 OC
Pulse width=300 S
1% Duty Cycle
TJ = 25 OC
At rated TL
8.3mS Single Half Sine-Wave
JEDEC Method
P.C.B. Mounted on
0.4X0.4"(10X10mm)
copper pad areas
P



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com