Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3SSL60L Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # 3SSL60L
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

3SSL60L Datasheet(HTML) 2 Page - Rectron Semiconductor

  3SSL60L Datasheet HTML 1Page - Rectron Semiconductor 3SSL60L Datasheet HTML 2Page - Rectron Semiconductor 3SSL60L Datasheet HTML 3Page - Rectron Semiconductor 3SSL60L Datasheet HTML 4Page - Rectron Semiconductor 3SSL60L Datasheet HTML 5Page - Rectron Semiconductor 3SSL60L Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT RATED PEAK REVERSE VOLTAGE, (%)
CASE TEMPERATURE, (
OC)
0
0.01
0.1
1
10
0
1.5
2.0
2.5
3.0
0.8
0.2 0.4
1.0
1.8
1.2 1.4
2.0
175
150
125
100
75
50
25
RATING AND CHARACTERISTICS CURVES ( 3SSL60L )
FFIIG
G..33 TTYYPPIICCAALL RREEVVEERRSSEE CCHHAARRAACCTTEERRIISSTTIICCSS
FFIIG
G..11 TTYYPPIICCAALL FFO
ORRW
WAARRDD CCUURRRREENNTT
DDEERRAATTIINNG
G CCUURRVVEE
FFIIG
G..22 TTYYPPIICCAALL IINNSSTTAANNTTAANNEEO
OUUSS
FFO
ORRW
WAARRDD CCHHAARRAACCTTEERRIISSTTIICCSS
Single
Half Wave 60HZ
Resistive or
Inductive Load
0.375" (9.5mm) Lead Length
TA = 25 OC
Pulse Width = 300mS
1% Duty Cycle
REVERSE VOLTAGE, (V)
0
0
1000
100
10
10000
100000
12
4
8
16
FFIIG
G..44 TTYYPPIICCAALL TTO
OTTAALL CCAAPPAACCIITTAANNCCEE
NUMBER OF CYCLES AT 60Hz
1
0
40
20
60
100
80
8
2
4
10
20 40
80 100
FFIIG
G..55 TTYYPPIICCAALL RREEVVEERRSSEE CCHHAARRAACCTTEERRIISSTTIICCSS
8.3mS Single Half Sine-Wave
JEDEC Method
0
20
0.001
0.1
0.01
1.0
10
100
100
120
40
60
80
140
TA =150 OC
TA = 75
O
C
TA = 25
O C
1.0
1.6
0.6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com