Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32WLE4JCU6TR Datasheet(PDF) 48 Page - STMicroelectronics

Part # STM32WLE4JCU6TR
Description  Multiprotocol LPWAN 32-bit Arm® Cortex®-M4 MCUs, LoRa®, (G)FSK, (G)MSK, BPSK, up to 256KB Flash, 64KB SRAM
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WLE4JCU6TR Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STM32WLE4JCU6TR Datasheet HTML 44Page - STMicroelectronics STM32WLE4JCU6TR Datasheet HTML 45Page - STMicroelectronics STM32WLE4JCU6TR Datasheet HTML 46Page - STMicroelectronics STM32WLE4JCU6TR Datasheet HTML 47Page - STMicroelectronics STM32WLE4JCU6TR Datasheet HTML 48Page - STMicroelectronics STM32WLE4JCU6TR Datasheet HTML 49Page - STMicroelectronics STM32WLE4JCU6TR Datasheet HTML 50Page - STMicroelectronics STM32WLE4JCU6TR Datasheet HTML 51Page - STMicroelectronics STM32WLE4JCU6TR Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 145 page
background image
Functional overview
STM32WLE5/E4xx
48/145
DS13105 Rev 8
3.30
Serial peripheral interface (SPI)/integrated-interchip sound
interface (I2S)
The SPI/I2S interface can be used to communicate with external devices using the SPI
protocol or the I2S audio protocol. SPI or I2S mode is selectable by software. SPI Motorola®
mode is selected by default after a device reset.
The SPI protocol supports half-duplex, full-duplex and simplex synchronous, serial
communication with external devices. The SPI interface can be configured as master and, in
this case, it provides the communication clock (SCK) to the external slave device. The SPI
interface can also operate in multimaster configuration.
The I2S protocol is also a synchronous serial communication interface. It can operate in
slave or master mode with half-duplex communication. It can address four different audio
standards including the Philips I2S standard, the MSB- and LSB-justified standards and the
PCM standard.
3.31
Development support
Serial-wire JTAG debug port (SWJ-DP)
The Arm SWJ-DP interface is embedded, and is a combined JTAG and serial-wire debug
port, that enables either a serial-wire debug or a JTAG probe to be connected to the target.
The debug is performed using only two pins instead of the five required by the JTAG (JTAG
pins can then be reused as GPIOs with alternate function). The JTAG TMS and TCK pins
are shared with SWDIO and SWCLK, respectively, and a specific sequence on the TMS pin
is used to switch between JTAG-DP and SW-DP.
Table 17. SPI and SPI/I2S implementation(1)
1. The SPI1 and SPI2S2 instances are general purpose type while the SUBGHZSPI instance is dedicated for
Sub-GHz radio control exclusively. Radio is controlled internally through SUBGHZSPI and, for debug
purpose only, from the external.
Features
SPI1
SPI2S2
SUBGHZSPI
Enhanced NSSP and TI modes
Yes
Hardware CRC calculation
Yes
Yes
No
I2S support
No
Yes
No
Data size configurable (bits)
from 4 to 16
Rx/Tx FIFO size (bits)
32
Wakeup capability from LPSleep
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com