Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3SSL60V Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # 3SSL60V
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

3SSL60V Datasheet(HTML) 2 Page - Rectron Semiconductor

  3SSL60V Datasheet HTML 1Page - Rectron Semiconductor 3SSL60V Datasheet HTML 2Page - Rectron Semiconductor 3SSL60V Datasheet HTML 3Page - Rectron Semiconductor 3SSL60V Datasheet HTML 4Page - Rectron Semiconductor 3SSL60V Datasheet HTML 5Page - Rectron Semiconductor 3SSL60V Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT RATED PEAK REVERSE VOLTAGE, (%)
CASE TEMPERATURE, (
OC)
0
0.01
0.1
1
10
0
1.5
2.0
2.5
3.0
0.8
0.2
0.4
1.0
1.8
1.2
1.4
2.0
175
150
125
100
75
50
25
(3SSL60V)
FIG.3
REV
VERSE CHAR
RACTERISTICS
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2
INSTANTANEOUS
FORWARD CHARACTERISTICS
Single
Half Wave 60HZ
Resistiveor
Inductive Load
0.375" (9.5mm) Lead Length
TA =25
OC
Pulse Width = 300mS
1% Duty Cycle
REVERSE VOLTAGE, (V)
0
0
1000
100
10
10000
100000
12
48
16
FIIG.4 TYPICAL TOTAL
L CAP
PACITANCE
NUMBER OF CYCLES AT 60Hz
1
0
40
20
60
100
80
8
2
4
10
20
40
80 100
FIG.5 TYPICAL REVE
ER
RSE CHARACTE
ERIST
TICS
8.3mS Single Half Sine-Wave
JEDEC Method
020
0.001
0.1
0.01
1.0
10
100
100
120
40
60
80
140
TA =75
O
C
T A =25
O
C
1.0
1.6
0.6
MAXIMUM
MAXIMUM
TA =150
OC
RATING AND CHARACTERISTICS CURVES



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com