Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS312WV Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # DS312WV
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

DS312WV Datasheet(HTML) 2 Page - Rectron Semiconductor

  DS312WV Datasheet HTML 1Page - Rectron Semiconductor DS312WV Datasheet HTML 2Page - Rectron Semiconductor DS312WV Datasheet HTML 3Page - Rectron Semiconductor DS312WV Datasheet HTML 4Page - Rectron Semiconductor DS312WV Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Fig.2
Reverse Characteristics
20
40
60
80
0
T=25
A
C
Percent of Rated Peak Reverse Voltage
100
10
0
10
1
10
2
10
3
10
5
10
Fig.4 Typical Junction Capacitance
0.1
Reverse Voltage (V)
10
100
200
500
20
50
100
1
DS32W/DS34W
DS36W-DS320W
T =25
J
C
0.1
0
0.4
1.4
Fig.3 Typical Forward Characteristic
Instaneous Forward Voltage (V)
1.0
10
0.6
0.2
0.8
1.0
1.2
1.8
1.6
20
Fig.1 Forward Current Derating Curve
0.5
1.0
1.5
2.0
2.5
3.0
0.0
25
50
75
100
125
150
DS32W/DS38W
DS310W-DS320W
DS32W/DS34W
DS36W/DS38W
DS310W/DS312W
DS315W/DS320W
0.01
100
1
10
100
Fig.6- Typical Transient Thermal Impedance
t, Pulse Duration
sec
0.1
1
10
200
10
100
Fig.5 Maximum Non-Repetitive Peak
Forward Surage Current
Number of Cycles at 60Hz
8.3 ms Single Half Sine Wave
(JEDEC Method)
1
20
40
60
00
80
100
3.5
Case Temperature ( C)
T =150
A
C
RATING AND CHARACTERISTICS CURVES
(DS32WV THRU DS320WV)
Maximum



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com