Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TQFP48L Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # TQFP48L
Description  15W 6W x2 2.1 Channel CLASS-D AUDIO POWER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

TQFP48L Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button TQFP48L Datasheet HTML 3Page - List of Unclassifed Manufacturers TQFP48L Datasheet HTML 4Page - List of Unclassifed Manufacturers TQFP48L Datasheet HTML 5Page - List of Unclassifed Manufacturers TQFP48L Datasheet HTML 6Page - List of Unclassifed Manufacturers TQFP48L Datasheet HTML 7Page - List of Unclassifed Manufacturers TQFP48L Datasheet HTML 8Page - List of Unclassifed Manufacturers TQFP48L Datasheet HTML 9Page - List of Unclassifed Manufacturers TQFP48L Datasheet HTML 10Page - List of Unclassifed Manufacturers TQFP48L Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Tai-1 Microelectronics
Preliminary
TMPA421DS
www.taimec.com.tw
/
www.class-d.com.tw
Rev.2.0
December 20, 2005
Copyright
©2005,Tai-1 Microelectronics Corp.
7
Gain0=Low,
Gain1=High
25
Gain0=High,
Gain1= Low
19
Vcc=9v
Gain0=Low,
Gain1= Low
15
Gain0=High,
Gain1= High
15
Gain0=Low,
Gain1=High
30
Gain0=High,
Gain1= Low
60
Zi
Input resistance ofBINN/BINP/RIN/LIN
Gain0=Low,
Gain1= Low
100
k
Ω
AC CHARACTERISTICS
TA=25。C, VCC=15V, RL=8Ω speaker (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
15V
15
12V
10
RL=4
Ω
9V
6.22
W
15V
14.5
12V
9.3
RL=6
Ω
9V
5.34
W
15V
12.7
12V
8
RL=8
Ω
9V
4.58
W
15V
7.65
12V
4.8
*PO(max)
Maximum continuous output power of
bass (r.m.s) at 1kHz
RL=16
Ω
9V
2.73
W
15V
6
12V
3.8
RL=4
Ω
9V
2.17
W
15V
4.6
12V
3.0
RL=6
Ω
9V
1.67
W
15V
3.75
12V
2.35
*PO(max)
Maximum continuous output power of
right/left channel (r.m.s) at 1kHz
RL=8
Ω
9V
1.34
W
Vn
Output noise
-70
dBV
SNR
Signal-to-noise ratio
Maximum output at THD+N<0.5%,
f=1kHz
85
dB
Crosstalk Crosstalk SE→BTL
Gain0=Gain1=high, VCC=12V,
PO(SE)=2W, RL=8
Ω
-70
dB
Thermal trip point
145
。C
Thermal hysteresis
25
。C
For best performance, please refer to
http://www.taimec.com.tw/data/Tmpa421EVM/tmpa421dsEVM.pdf
for PCB layout.
*Important notice:More copper area and vias are required for high output power especially
when the total output power is higher than 15W.
PDF created with pdfFactory trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com