Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LRP-41PA-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # LRP-41PA-R
Description  Power Transducer Series L-UNIT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LRP-41PA-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  LRP-41PA-R Datasheet HTML 1Page - M-System Co.,Ltd. LRP-41PA-R Datasheet HTML 2Page - M-System Co.,Ltd. LRP-41PA-R Datasheet HTML 3Page - M-System Co.,Ltd. LRP-41PA-R Datasheet HTML 4Page - M-System Co.,Ltd. LRP-41PA-R Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MODEL: LRP
http://www.m-system.co.jp/
LRP SPECIFICATIONS
ES-1977 Rev.15 Page 2/5
/C02: Polyurethane coating
/C03: Rubber coating
TERMINAL SCREW MATERIAL
/S01: Stainless steel
GENERAL SPECIFICATIONS
Construction: Stand-alone; terminal access at the front
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (black)
Isolation: Voltage input to current input to output to
auxiliary power
Computation: Time division multiplication
Overrange output: Approx. -10 to +120 % at 1 – 5 V
Zero adjustment: -5 to +5 % (front)
Span adjustment: 95 to 105 % (front)
INPUT SPECIFICATIONS
Frequency: 50 or 60 Hz
• Voltage Input
Operational range: 0 – 120 % of rating
Overload capacity: 150 % of rating for 10 sec., 120 %
continuous
• Current Input
Operational range: 0 – 120 % of rating
Overload capacity: 1000 % of rating for 3 sec., 200 % for 10
sec., 120% continuous
■ How To Determine Var Range
Calibration Range [var] = (Measuring Range) ÷
((VT Ratio) × (CT Ratio))
Check that the required calibration range is within the
available range in the table.
[example]
3-phase / 3-wire, measuring range 75 kvar,
VT 220 / 110 V, CT 250 / 5 A
(75 × 103 [var])÷((220 / 110) × (250 / 5))= 750 [var]
INPUT
AVAILABLE
BURDEN (VA)
STD.RANGE
RANGE
VOLT.
CURR.
110V/1A
200 var
100 – 240 var
0.2
0.1/ph
110V/5A
1000 var
500 – 1200 var
/phase
0.5/ph
220V/1A
400 var
200 – 480 var
0.4
0.1/ph
220V/5A
2000 var
1000 – 2400 var
/phase
0.5/ph
■ INPUT RANGE
•3-phase / 3-wire
•3-phase / 4-wire
INPUT
AVAILABLE
BURDEN (VA)
STD.RANGE
RANGE
VOLT.
CURR.
1
1
.
0
V
0
1
/1A
200 var
100 – 240 var
e
s
a
h
p
/
1
.
0
3
1
5
.
0
e
s
a
h
p
/
V
0
1
/5A 1000 var
500 – 1200 var
e
s
a
h
p
/
3
1
.
0
V
0
9
1
/1A
350 var
175 – 420 var
e
s
a
h
p
/
2
.
0
3
5
.
0
e
s
a
h
p
/
V
0
9
1
/5A 1750 var
875 – 2100 var
e
s
a
h
p
/
3
1
.
0
V
0
2
2
/1A
400 var
200 – 480 var
e
s
a
h
p
/
3
.
0
3
5
.
0
e
s
a
h
p
/
V
0
2
2
/5A 2000 var
1000 – 2400 var
e
s
a
h
p
/
3
1
.
0
V
0
8
3
/1A
700 var
350 – 840 var
e
s
a
h
p
/
4
.
0
3
5
.
0
e
s
a
h
p
/
V
0
8
3
/5A 3500 var
1750 – 4200 var
e
s
a
h
p
/
3
OUTPUT SPECIFICATIONS
■ DC Current: -10 – + 20 mA DC
Span: Min. 1 mA, max. 20 mA
Offset: Max. 1.5 times span
Load resistance: Output drive 12 V maximum; 10 V for [±]
output
■ DC Voltage: -10 – +12 V DC
Minimum span: 5 mV
Offset: Max. 1.5 times span
Load resistance: Output drive 1 mA max. at ≥ 0.5 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com