Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB3307D6MX Datasheet(PDF) 13 Page - ON Semiconductor

Part # FUSB3307D6MX
Description  USB Power Delivery 3.0 Adaptive Source Charging Controller
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB3307D6MX Datasheet(HTML) 13 Page - ON Semiconductor

Back Button FUSB3307D6MX Datasheet HTML 9Page - ON Semiconductor FUSB3307D6MX Datasheet HTML 10Page - ON Semiconductor FUSB3307D6MX Datasheet HTML 11Page - ON Semiconductor FUSB3307D6MX Datasheet HTML 12Page - ON Semiconductor FUSB3307D6MX Datasheet HTML 13Page - ON Semiconductor FUSB3307D6MX Datasheet HTML 14Page - ON Semiconductor FUSB3307D6MX Datasheet HTML 15Page - ON Semiconductor FUSB3307D6MX Datasheet HTML 16Page - ON Semiconductor FUSB3307D6MX Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
FUSB3307
www.onsemi.com
13
Figure 10. VBUS Discharge by FUSB3307 via DISC Pin
VBUS is discharged through a resistor (R1) via the DISC
pin of the FUSB3307 as shown in the highlighted section in
Figure 10.
The external resistor R1 value is dependent on the total
bulk capacitance (C8) of this power source so that VBUS is
discharged within the time limits dictated by USB PD. A
typical value for R1 is 39
W, 1 W and in addition, there is
internal resistance that causes a expected discharge current
within the FUSB3307 in its discharge path (IDISC −Sink in the
electrical tables above). If the load current to the Sink is
sufficient (exceeds ICS−EN−DSCG for tCS−EN−DSCG
debounce time) such that the internal discharge is not
needed, then the FUSB3307 will automatically disable
internal discharge.
Upon power up, the FUSB3307 will discharge VBUS in
case there is any voltage on VBUS since the only way a Sink
can be attached per Type C specification is if VBUS is
discharged to ground (below VSafe0V) upon attach. The
discharge resistance limits are governed by the Type C
specification when not sourcing power on VBUS
(RDISC−BUS in the electrical tables above). It is preferred that
no external load/discharge resistor is connected to VBUS
other than R1 to the FUSB3307 discharge DISC pin.
A TVS diode connected from VBUS to ground and shown
in the figures ([SZ]ESD7241) allow operating voltages up
to 24 V covering the entire VBUS range of 3.3 V to 21 V for
a USB PD PPS contract. This can be replaced by a TVS that
covers the VBUS range for the use case of this design if
needed.
USB Type C specification requires that the supply voltage
is not sourced on VBUS until an attach per Type C
specification has been determined. Dual back−to−back
FET’s for the load switch are not needed for reverse voltage
protection since it is unlikely that VBUS is charged from an
external source. For interoperability with legacy connectors,
there is a case where a Type A to Type C cable is first plugged
into a Type A port of a power source which then supplies 5 V
on VBUS of the cable. Then the Type C connector is plugged
into this design which is not plugged into the AC outlet nor
gets it power from the DC input depending on the design.
The 5 V from the cable will forward conduct through the Q1
FET and charge the bulk capacitor C8. This doesn’t cause an
issue, since the FUSB3307 will power up, check the CC1
and CC2 lines and realize it is not a legitimate Sink device
plugged in and stay detached. Upon unplugging the A to C
cable, the discharge resistance (RDISC−BUS in the electrical
tables above) will discharge VBUS to ground if the input
voltage is still unavailable. Even if the input power is
supplied to this design during this incorrect connection,
VCC will regulate to 5 V which will prevent the previously
forward bias body diode of Q1 FET from conducting and the
FUSB3307 will wait for a legitimate Sink to be attached
before turning on FET Q1. The maximum bulk capacitance
is specified in the Type C specification to handle this fault
case as shown in Table 5 from the USB Type C specification
so as to allow for just one FET use for optimum efficiency.
Table 5. TYPE−C SPECIFICATION FOR VBUS BULK CAPACITANCE
Symbol
Notes
Min
Max
Units
VBUS
Capacitance
Capacitance for source−only ports between VBUS and GND pins on
receptacle when VBUS is not being sourced.
3000
mF
Capacitance for DRP ports between VBUS and GND pins on recep-
tacle when VBUS is not being sourced.
10
mF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com