Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STSPIN32F0251Q Datasheet(PDF) 19 Page - STMicroelectronics

Part # STSPIN32F0251Q
Description  Advanced 250 V three-phase BLDC controller with embedded STM32 MCU
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32F0251Q Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STSPIN32F0251Q Datasheet HTML 15Page - STMicroelectronics STSPIN32F0251Q Datasheet HTML 16Page - STMicroelectronics STSPIN32F0251Q Datasheet HTML 17Page - STMicroelectronics STSPIN32F0251Q Datasheet HTML 18Page - STMicroelectronics STSPIN32F0251Q Datasheet HTML 19Page - STMicroelectronics STSPIN32F0251Q Datasheet HTML 20Page - STMicroelectronics STSPIN32F0251Q Datasheet HTML 21Page - STMicroelectronics STSPIN32F0251Q Datasheet HTML 22Page - STMicroelectronics STSPIN32F0251Q Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
Equation 1
(1)
t1≅RON_OD ∙COD∙ln VODVSSDl  
Equation 2
(2)
t2≅COD∙ VSSDh
IOD ∙ln VSSDl−VOD
VSSDh−VOD
Where VOD = VFLOAT_OD In case the OD pin is connected to VCC by an external pull-up resistor ROD_ext, the
OD discharge time is determined by the external network ROD_ext COD and by the internal MOSFET's RON_OD
(Equation 3), while the Restart time is determined by current in ROD_ext (Equation 4)
Equation 3
(3)
 t1≅COD∙ ROD_ext//RON_OD  ∙ln VOD−Von
VSSDl−Von
Equation 4
(4)
t2≅COD∙ ROD_ext ∙ln VSSDl−VOD
VSSDh−VOD  
where
Von= RON_OD 
ROD_ext+RON_OD ∙Vcc ; VOD=Vcc
Figure 10. Smart shutdown timing waveforms
SMART SHUTDOWN CIRCUIT
LVG/HVG
OD gate
(internal)
CIN
Fast shut down
the driver outputs are switched off
disable time
OD
FAULT
VREF
tFCIN
tFCIN
tCINoff
VSSDh
VSSDl
VOD
t1
t2
OD
COD
SMART
SD
LOGIC
RON_OD
IOD
5 V
VCC
OD
COD
SMART
SD
LOGIC
RON_OD
IOD
5 V
ROD_ext
external pull-up
2
1
immediately after the comparator triggering
STSPIN32F0251, STSPIN32F0252
Gate driver
DS13048 - Rev 4
page 19/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com