Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB711A Datasheet(PDF) 34 Page - STMicroelectronics

Part # TSB711A
Description  Precision rail-to-rail input / output 36 V, 6 MHz op-amps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB711A Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TSB711A Datasheet HTML 28Page - STMicroelectronics TSB711A Datasheet HTML 29Page - STMicroelectronics TSB711A Datasheet HTML 30Page - STMicroelectronics TSB711A Datasheet HTML 31Page - STMicroelectronics TSB711A Datasheet HTML 32Page - STMicroelectronics TSB711A Datasheet HTML 33Page - STMicroelectronics TSB711A Datasheet HTML 34Page - STMicroelectronics TSB711A Datasheet HTML 35Page - STMicroelectronics TSB711A Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
List of figures
Figure 1.
TSB711 pin connections (top view) ...................................................... 2
Figure 2.
TSB712 pin connections (top view) ...................................................... 2
Figure 3.
TSB714 pin connections (top view) ...................................................... 3
Figure 4.
Supply current vs. supply voltage ...................................................... 10
Figure 5.
Input offset voltage distribution at VCC = 5 V TSB711A, TSB712A ................................ 10
Figure 6.
Input offset voltage distribution at VCC = 36 V TSB711A, TSB712A ............................... 10
Figure 7.
Input offset voltage vs. temperature at VCC = 5 V ........................................... 10
Figure 8.
Input offset voltage vs. temperature at VCC = 36 V .......................................... 11
Figure 9.
Input offset voltage thermal coefficient distribution at VCC = 5 V ................................. 11
Figure 10.
Channel separation vs. frequency at VCC = 36 V............................................ 11
Figure 11.
Input offset voltage vs. supply voltage ................................................... 11
Figure 12.
Input offset voltage vs. common mode voltage at VCC = 5 V TSB711A, TSB712A ..................... 11
Figure 13.
Input offset voltage vs. common mode voltage at VCC = 36 V TSB711A, TSB712A .................... 11
Figure 14.
Input bias current vs. temperature at VICM = VCC / 2 ......................................... 12
Figure 15.
Output current vs. output voltage at
VCC = 5 V ....................................... 12
Figure 16.
Input bias current vs. common mode voltage at VCC = 5 V ..................................... 12
Figure 17.
Input bias current vs. common mode voltage at VCC = 36 V .................................... 12
Figure 18.
Output current vs. output voltage at VCC = 36 V ............................................ 12
Figure 19.
Output voltage (VOH) vs. supply voltage.................................................. 12
Figure 20.
Output voltage (VOL) vs. supply voltage .................................................. 13
Figure 21.
Positive slew rate at VCC = 36 V ....................................................... 13
Figure 22.
Negative slew rate at VCC = 36 V ...................................................... 13
Figure 23.
Bode diagram at VCC = 5 V .......................................................... 13
Figure 24.
Bode diagram at VCC = 36 V ......................................................... 13
Figure 25.
Phase margin vs. output current at VCC = 5 V .............................................. 13
Figure 26.
Phase margin vs. output current at VCC = 36 V ............................................. 14
Figure 27.
Phase margin vs. capacitive load ...................................................... 14
Figure 28.
Overshoot vs. capacitive load at VCC = 36 V............................................... 14
Figure 29.
Small step response vs. time at VCC = 5 V ................................................ 14
Figure 30.
Desaturation time at low rail at VCC = 5 V................................................. 14
Figure 31.
Desaturation time at high rail at VCC = 5 V ................................................ 14
Figure 32.
Small step response vs. time at VCC = 36 V ............................................... 15
Figure 33.
Amplifier behavior close to the low rail at VCC = 36 V......................................... 15
Figure 34.
Amplifier behavior close to the high rail at VCC = 36 V ........................................ 15
Figure 35.
Noise vs. frequency at VCC = 5 V ...................................................... 15
Figure 36.
Noise vs. frequency at VCC = 36 V ..................................................... 15
Figure 37.
Noise vs. time at VCC = 36 V ......................................................... 15
Figure 38.
THD+N vs. frequency .............................................................. 16
Figure 39.
THD+N vs. output voltage ........................................................... 16
Figure 40.
PSRR vs. frequency at VCC = 10 V ..................................................... 16
Figure 41.
CMRR vs. frequency at VCC = 10 V..................................................... 16
Figure 42.
Input current limitation .............................................................. 17
Figure 43.
Rail-to-rail input stage .............................................................. 18
Figure 44.
EMIRR on In+, In- and out pins........................................................ 20
Figure 45.
Stability criteria with a serial resistor at different capacitive loads................................. 21
Figure 46.
Test configuration for RISO ........................................................... 22
Figure 47.
Low-side current sensing schematic .................................................... 24
Figure 48.
SOT23-5 package outline ........................................................... 25
TSB711, TSB711A, TSB712, TSB712A, TSB714, TSB714A
List of figures
DS12487 - Rev 6
page 34/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com