Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB712 Datasheet(PDF) 30 Page - STMicroelectronics

Part # TSB712
Description  Precision rail-to-rail input / output 36 V, 6 MHz op-amps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB712 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TSB712 Datasheet HTML 26Page - STMicroelectronics TSB712 Datasheet HTML 27Page - STMicroelectronics TSB712 Datasheet HTML 28Page - STMicroelectronics TSB712 Datasheet HTML 29Page - STMicroelectronics TSB712 Datasheet HTML 30Page - STMicroelectronics TSB712 Datasheet HTML 31Page - STMicroelectronics TSB712 Datasheet HTML 32Page - STMicroelectronics TSB712 Datasheet HTML 33Page - STMicroelectronics TSB712 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 36 page
background image
8
Ordering information
Table 13. Order code
Order code
Temperature range
Package
Packing
Marking
TSB711AILT
-40° to +125 °C
SOT23-5
Tape and reel
K223
TSB711ILT
SOT23-5
K219
TSB711AIYLT
-40 °C to +125 °C automotive grade
SOT23-5
K225
TSB711IYLT
SOT23-5
K221
TSB712AIST
-40° to +125 °C
MiniSO8
K214
TSB712AIDT
SO8
TSB712AI
TSB712IDT
SO8
TSB712I
TSB712IST
MiniSO8
712S
TSB712AIYDT
-40 to 125 °C automotive grade (1)
SO8
712AIY
TSB712AIYST
MiniSO8
712Y
TSB712IYDT
SO8
712IY
TSB712IYST
MiniSO8
K215
TSB714AIDT
-40° to +125 °C
SO14
B714AI
TSB714IDT
B714I
TSB714AIYDT
-40 to 125 °C automotive grade (1)
B714AY
TSB714IYDT
B714Y
TSB714AIPT
-40° to +125 °C
TSSOP14
B714AI
TSB714IPT
B714I
TSB714AIYPT
-40 to 125 °C automotive grade (1)
B714AY
TSB714IYPT
B714IY
1. Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001
and Q002 or equivalent.
SO8 package for single op-amp may be available for qualification under customer request. Please contact sales
office for such request.
DFN8 package for dual op-amp may be available for qualification under customer request. Please contact sales
office for such request.
TSB711, TSB711A, TSB712, TSB712A, TSB714, TSB714A
Ordering information
DS12487 - Rev 6
page 30/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com