Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSB712AIDT Datasheet(PDF) 33 Page - STMicroelectronics

Part # TSB712AIDT
Description  Precision rail-to-rail input / output 36 V, 6 MHz op-amps
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB712AIDT Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TSB712AIDT Datasheet HTML 28Page - STMicroelectronics TSB712AIDT Datasheet HTML 29Page - STMicroelectronics TSB712AIDT Datasheet HTML 30Page - STMicroelectronics TSB712AIDT Datasheet HTML 31Page - STMicroelectronics TSB712AIDT Datasheet HTML 32Page - STMicroelectronics TSB712AIDT Datasheet HTML 33Page - STMicroelectronics TSB712AIDT Datasheet HTML 34Page - STMicroelectronics TSB712AIDT Datasheet HTML 35Page - STMicroelectronics TSB712AIDT Datasheet HTML 36Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 36 page
background image
List of tables
Table 1.
TSB711 pin description (SOT23-5) ........................................................ 2
Table 2.
TSB712 pin description (miniSO8/SO8) .................................................... 2
Table 3.
TSB714 pin description................................................................ 3
Table 4.
Absolute maximum ratings ............................................................. 4
Table 5.
Operating conditions ................................................................. 4
Table 6.
Electrical characteristics at VCC = 36 V, VICM = VOUT = VCC / 2, Tamb = 25 °C and RL connected to VCC / 2 (unless
otherwise specified) .................................................................. 5
Table 7.
Electrical characteristics at VCC = 5 V, VICM = VOUT = VCC / 2, Tamb = 25 °C and RL connected to VCC / 2 (unless
otherwise specified) .................................................................. 8
Table 8.
SOT23-5 package mechanical data ...................................................... 25
Table 9.
MiniSO8 mechanical data ............................................................. 26
Table 10.
SO-8 mechanical data ............................................................... 27
Table 11.
SO14 mechanical data ............................................................... 28
Table 12.
TSSOP14 mechanical data ............................................................ 29
Table 13.
Order code ....................................................................... 30
Table 14.
Document revision history ............................................................. 31
TSB711, TSB711A, TSB712, TSB712A, TSB714, TSB714A
List of tables
DS12487 - Rev 6
page 33/36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com