Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5146 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # LM5146
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5146 Datasheet(HTML) 20 Page - Texas Instruments

Back Button LM5146 Datasheet HTML 16Page - Texas Instruments LM5146 Datasheet HTML 17Page - Texas Instruments LM5146 Datasheet HTML 18Page - Texas Instruments LM5146 Datasheet HTML 19Page - Texas Instruments LM5146 Datasheet HTML 20Page - Texas Instruments LM5146 Datasheet HTML 21Page - Texas Instruments LM5146 Datasheet HTML 22Page - Texas Instruments LM5146 Datasheet HTML 23Page - Texas Instruments LM5146 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 55 page
background image
8.3.6 Switching Frequency (RT, SYNCIN)
There are two options for setting the switching frequency, FSW, of the LM5146, thus providing a power supply
designer with a level of flexibility when choosing external components for various applications. To adjust the
frequency, use a resistor from the RT pin to AGND, or synchronize the LM5146 to an external clock signal
through the SYNCIN pin.
8.3.6.1 Frequency Adjust
Adjust the free-running switching frequency by using a resistor from the RT pin to AGND. The switching
frequency range is from 100 kHz to 1 MHz. The frequency set resistance, RRT, is governed by Equation 3. E96
standard-value resistors for common switching frequencies are given in Table 8-1.
4
RT
SW
10
R
k
F
kHz
:
ª
º
¬
¼
ª
º
¬
¼
(3)
Table 8-1. Frequency Set Resistors
SWITCHING FREQUENCY
(kHz)
FREQUENCY SET RESISTANCE
(kΩ)
100
100
200
49.9
250
40.2
300
33.2
400
24.9
500
20
750
13.3
1000
10
8.3.6.2 Clock Synchronization
Apply an external clock synchronization signal to the LM5146 to synchronize switching in both frequency and
phase. Requirements for the external clock SYNC signal are:
• Clock frequency range: 100 kHz to 1 MHz
• Clock frequency: –20% to +50% of the free-running frequency set by RRT
• Clock maximum voltage amplitude: 13 V
• Clock minimum pulse width: 50 ns
1 Ps/DIV
V
SYNCIN
2 V/DIV
V
SW 10 V/DIV
Figure 8-5. Typical 400-kHz SYNCIN and SW Voltage Waveforms
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
www.ti.com
20
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com