Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DU323RB Datasheet(PDF) 2 Page - Schneider Electric

Part # DU323RB
Description  Safety switch, general duty, non fusible, 100A, 3 poles, 30 hp, 240 VAC, NEMA 3R, bolt-on provision
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DU323RB Datasheet(HTML) 2 Page - Schneider Electric

  DU323RB Datasheet HTML 1Page - Schneider Electric DU323RB Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Width
10.5 in (266.70 mm)
Height
17.5 in (444.50 mm)
Net Weight
15.43 lb(US) (7 kg)
Environment
Certifications
UL listed file E2875
Ordering and shipping details
Category
00106 - D & DU SW,NEMA3R, 30-200A
Discount Schedule
DE1A
GTIN
00785901491828
Nbr. of units in pkg.
1
Package weight(Lbs)
14.78 lb(US) (6.70 kg)
Returnability
Yes
Country of origin
US
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
7.30 in (18.542 cm)
Package 1 width
10.50 in (26.67 cm)
Package 1 Length
19.90 in (50.546 cm)
Unit Type of Package 2
PAL
Number of Units in Package 2
40
Package 2 Weight
632.00 lb(US) (286.67 kg)
Package 2 Height
40.00 in (101.6 cm)
Package 2 width
40.00 in (101.6 cm)
Package 2 Length
48.00 in (121.92 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Lead and lead compounds, which
is known to the State of California to cause cancer and birth defects or other reproductive harm. For
more information go to www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
REACh free of SVHC
Yes
EU RoHS Directive
Compliant
EU RoHS Declaration
Mercury free
Yes
RoHS exemption information
Yes
China RoHS Regulation
China RoHS declaration
Product out of China RoHS scope. Substance declaration for your information.
Environmental Disclosure
Product Environmental Profile
PVC free
Yes
Contractual warranty
Warranty
18 months
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com