Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DU321 Datasheet(PDF) 1 Page - Schneider Electric

Part # DU321
Description  Safety switch, general duty, non fusible, 30A, 3 poles, 7.5 hp, 240 VAC, NEMA 1
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

DU321 Datasheet(HTML) 1 Page - Schneider Electric

  DU321 Datasheet HTML 1Page - Schneider Electric DU321 Datasheet HTML 2Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product data sheet
Characteristics
DU321
Safety switch, general duty, non fusible, 30A, 3
poles, 7.5 hp, 240 VAC, NEMA 1
Product availability : Stock - Normally stocked in distribution facility
Price* : 155.00 USD
Main
Product
Single Throw Safety Switch
Duty Rating
General duty
Device application
Residential
Disconnect Type
Non-fusible disconnect switch
Factory Installed Neutral
None
Phase
3 phase
Number of Poles
3
Current Rating
30 A
Voltage Rating
240 V AC
Enclosure Rating NEMA
NEMA 1
Maximum Horse Power Rating
3 hp 240 V at AC 60 Hz for 1 phase conforming to NEC 430.52
7.5 hp 240 V at AC 60 Hz for 3 phase conforming to NEC 430.52
Complementary
Mounting Type
Surface
Electrical Connection
Lugs
Wiring configuration
3-wire
Wire Size
AWG 14...AWG 6 copper
AWG 12...AWG 6 aluminium
Tightening torque
30 lbf.in (3.39 N.m) 0.00…0.02 in² (2.08…13.3 mm²) (AWG 14...AWG 6)
Depth
3.63 in (92.20 mm)
Width
7.25 in (184.15 mm)
Height
9.25 in (234.95 mm)
Net Weight
19.84 lb(US) (9 kg)
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jun 23, 2021
1


Similar Part No. - DU321

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DU321RB SCHNEIDER-DU321RB Datasheet
130Kb / 3P
Safety switch, general duty, non fusible, 30A, 3 poles, 7.5 hp, 240 VAC, NEMA 3R, bolt-on provision
Jun 23, 2021
More results

Similar Description - DU321

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
DU326 SCHNEIDER-DU326 Datasheet
102Kb / 2P
Safety switch, general duty, non fusible, 600A, 3 poles, 150 hp, 240 VAC, NEMA 1
Jun 23, 2021
DU325 SCHNEIDER-DU325 Datasheet
91Kb / 2P
Safety switch, general duty, non fusible, 400A, 3 poles, 125 hp, 240 VAC, NEMA 1
Jun 23, 2021
DU324 SCHNEIDER-DU324 Datasheet
96Kb / 2P
Safety switch, general duty, non fusible, 200A, 3 poles, 60 hp, 240 VAC, NEMA 1
Jun 23, 2021
DU323 SCHNEIDER-DU323 Datasheet
113Kb / 2P
Safety switch, general duty, non fusible, 100A, 3 poles, 30 hp, 240 VAC, NEMA 1
Jun 23, 2021
DU322 SCHNEIDER-DU322 Datasheet
121Kb / 2P
Safety switch, general duty, non fusible, 60A, 3 poles, 15 hp, 240 VAC, NEMA 1
Jun 23, 2021
DU321RB SCHNEIDER-DU321RB Datasheet
130Kb / 3P
Safety switch, general duty, non fusible, 30A, 3 poles, 7.5 hp, 240 VAC, NEMA 3R, bolt-on provision
Jun 23, 2021
D321NCP SCHNEIDER-D321NCP Datasheet
120Kb / 2P
Safety switch, general duty, fusible, 30A, 3 poles, 7.5 hp, 240 VAC, NEMA 1, neutral factory installed, consumer packeging
Jun 23, 2021
D321N SCHNEIDER-D321N Datasheet
116Kb / 2P
Safety switch, general duty, fusible, 30A, 3 poles, 7.5 hp, 240 VAC, NEMA 1, neutral factory installed
Jun 23, 2021
CD321N SCHNEIDER-CD321N Datasheet
133Kb / 2P
Safety switch, general duty, fusible, 30A, 120/240 VAC, 3 poles, 7.5 hp, solid neutral, NEMA 1
Jun 23, 2021
CD221N SCHNEIDER-CD221N Datasheet
143Kb / 2P
Safety switch, general duty, fusible, 30A, 120/240 VAC, 2 poles, 7.5 hp, solid neutral, NEMA 1
Jun 23, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com