Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8BS2 Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M8BS2
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8BS2 Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M8BS2 Datasheet HTML 1Page - M-System Co.,Ltd. M8BS2 Datasheet HTML 2Page - M-System Co.,Ltd. M8BS2 Datasheet HTML 3Page - M-System Co.,Ltd. M8BS2 Datasheet HTML 4Page - M-System Co.,Ltd. M8BS2 Datasheet HTML 5Page - M-System Co.,Ltd. M8BS2 Datasheet HTML 6Page - M-System Co.,Ltd. M8BS2 Datasheet HTML 7Page - M-System Co.,Ltd. M8BS2 Datasheet HTML 8Page - M-System Co.,Ltd. M8BS2 Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
MODEL: M8BS2
M8BS2 SPECIFICATIONS
ES-5495 Rev.15 Page 1/14
http://www.m-system.co.jp/
Dual Output Super-mini Signal Conditioners Pico-M Series
INSTALLATION BASE (for network interface)
Functions & Features
• Holding up to 16 modules of Pico-M series signal
conditioners
• Direct connection to various networks via the 61-Unit
Analog Input Modules mounted on the base
• Power supplied through printed wiring on the base
• Saving wiring work within an instrumentational panel
MODEL: M8BS2–[1][2]–[3][4]
ORDERING INFORMATION
• Code number: M8BS2-[1][2]-[3][4]
Specify a code from below for each of [1] through [4].
(e.g. M8BS2-161-R/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] CAPACITY
04: 4 positions
08: 8 positions
16: 16 positions
[2] I/O TYPE
1: Input (Select 1 – 5V for Output 1.)
2: Output (Select model M8YVx with 1 – 5V input.)
3: Output (Select model M8YSx with 1 – 5V input.)
4: Input/Output
(Input channel 8 points: Select 1 - 5 V for Output 1.)
(Output channel 8 points: Select model M8YVx with 1 - 5V input.)
(Specify capacity code 16.)
(Only 61C-163-R is available for related products.)
(CE not available)
[3] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 63 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[4] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
Only solder side of the main PWB is coated.
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
RELATED PRODUCTS
• Analog I/O Module (model: 61x)
Specify power input code 'R' (24V DC).
For Input/Output type, specify 61C-163-R.
GENERAL SPECIFICATIONS
Capacity: 4, 8 or 16 positions
Connection
Power input: M3.5 screw terminals (torque 0.8 N·m)
Input and output: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel
Isolation: Input to output 1 to output 2 to power to FG
Power indicator LED: ON with normal voltage level
INSTALLATION
Power Consumption
•AC: 130 VA min.
•DC: 2.5 A min.
Operating temperature: 0 to 55°C (32 to 131°F)
0 to 50°C (32 to 122°F) for AC power
Operating humidity: 30 to 90 %RH (non- condensing)
30 to 85 %RH for AC power
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface
Weight
AC power:
1.0 kg (2.2 lb) (4 positions)
1.2 kg (2.6 lb) (8 positions)
2.5 kg (5.5 lb) (16 positions)
DC power:
0.6 kg (1.3 lb) (4 positions)
0.8 kg (1.8 lb) (8 positions)
2.0 kg (4.4 lb) (16 positions)
PERFORMANCE
Insulation resistance
Input use: ≥ 100 MΩ with 500 V DC
(input to output 2 to power to FG)
Output use: ≥ 100 MΩ with 500 V DC


Similar Part No. - M8BS2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8BS26 MSYSTEM-M8BS26 Datasheet
306Kb / 6P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results

Similar Description - M8BS2

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8SED1 MSYSTEM-M8SED1 Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PP MSYSTEM-M8PP Datasheet
124Kb / 5P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PA1 MSYSTEM-M8PA1 Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8DM MSYSTEM-M8DM Datasheet
67Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8AP MSYSTEM-M8AP Datasheet
97Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YC MSYSTEM-M8YC Datasheet
85Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8XV2 MSYSTEM-M8XV2 Datasheet
101Kb / 4P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YS2 MSYSTEM-M8YS2 Datasheet
84Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YV1 MSYSTEM-M8YV1 Datasheet
90Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
PM8 MSYSTEM-PM8 Datasheet
78Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com