Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1EXS Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # M1EXS
Description  2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M1EXS Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  M1EXS Datasheet HTML 1Page - M-System Co.,Ltd. M1EXS Datasheet HTML 2Page - M-System Co.,Ltd. M1EXS Datasheet HTML 3Page - M-System Co.,Ltd. M1EXS Datasheet HTML 4Page - M-System Co.,Ltd. M1EXS Datasheet HTML 5Page - M-System Co.,Ltd. M1EXS Datasheet HTML 6Page - M-System Co.,Ltd. M1EXS Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MODEL: M1EXS-2
M1EXS-2 SPECIFICATIONS
ES-5986 Rev.2 Page 3/7
https://www.m-system.co.jp/
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive
EN 61010-1
Installation Category II
Pollution Degree 2
Input or output to power: Reinforced insulation (300 V)
Input to output: Basic insulation (300 V)
RoHS Directive
EXTERNAL VIEW
Mode Button
Set Button
Display
Configurator Jack
Up Button
Down Button
COMPONENT
FUNCTION
Display
Indicates present values, setting values and abnormal information.
Two types of present values are displayed respectively at the upper and lower parts according to setting.
Mode button
Shifts from Measuring mode to each setting mode.
The destination changes depending on how long the button is held down.
Pressing Mode button for ≥ 2 seconds returns to Measuring mode from each setting mode..
Set button
Shifts the setting value of each setting parameter item to a setting changeable state.
When at setting changeable state, used to move through the digits of setting value and to enter (save) the
setting value.
Up button
Shifts through setting parameter items and to increase or select the setting value.
Down button
Shifts through setting parameter items and to decrease or select the setting value.
Con gurator Jack
Used to perform con guration with M1E con gurator software (model: M1ECFG).
When using the software, set the Lockout setting of the unit to ‘Lock’.
Refer to the operating manual (EM-5986-B) for detailed procedures.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com