Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1EXR Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # M1EXR
Description  2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M1EXR Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  M1EXR Datasheet HTML 1Page - M-System Co.,Ltd. M1EXR Datasheet HTML 2Page - M-System Co.,Ltd. M1EXR Datasheet HTML 3Page - M-System Co.,Ltd. M1EXR Datasheet HTML 4Page - M-System Co.,Ltd. M1EXR Datasheet HTML 5Page - M-System Co.,Ltd. M1EXR Datasheet HTML 6Page - M-System Co.,Ltd. M1EXR Datasheet HTML 7Page - M-System Co.,Ltd. M1EXR Datasheet HTML 8Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MODEL: M1EXR-2
M1EXR-2 SPECIFICATIONS
ES-5984 Rev.2 Page 2/8
https://www.m-system.co.jp/
current output not greater than 0 mA)
Input zero fine adj. range: -10 to +10℃ (front button)
Input span fine adj. range: -10 to +10℃ (front button)
Output zero fine adj. range: -5 to +5% (front button)
Output span fine adj. range: 95 to 105% (front button)
Burnout protection: Upscale standard; downscale or no
burnout optional by programming
Configuration: Program with front buttons or Via PC.
Programmable features include: Refer to the parameter list.
Configurator connection: 2.5 dia. miniature jack;
RS-232-C level
■Recommended solderless terminal size - M3 (unit: mm)
12max
3max
4min
3.2 dia.
(mm)
DISPLAY
Display functions: Displays and sets measured range,
engineering unit
Display size: Approx. 15.6 × 20.8 mm (0.61” × 0.82”)
Number of pixels: 68 × 95 (horizontal × vertical)
Character color: Yellow
Display life: Approx. 50000 hours
(Expected time for the Display brightness to be reduced to
50 % when the Display is used continuously with brightness
setting 2 in 25 ℃)
Display type: OEL display
Display digit: Negative 5 digits, positive 6 digits (-99999 to
999999)
Decimal point position: None, number of decimal places 1 or
2
INPUT SPECIFICATIONS
Input: 2- or 3-wire RTD
Maximum leadwire resistance: 50 Ω per wire (For Cu 10, 20
Ω per wire)
Sensing current:
Pt 100, JPt 100, Pt 50 Ω, Ni 100, Cu 10: approx. 1.0 mA
Pt 1000, Ni 508.4 Ω: approx. 0.2 mA
Measurement rang: -5 to +105% of input setting value
Refer to the operating manual (EM-5984-B) for changing
input range, setting value.
OUTPUT SPECIFICATIONS
■ DC Current
Output range: 0 – 20 mA DC
Conformance range: 0 – 22mA DC
Minimum span: 1 mA
Load resistance: Output drive 15 V max.
(e.g. 4 – 20 mA: 750 Ω [15 V ÷ 20 mA])
(Not available to output less than 0 mA, output range may
not be extended to -5 %)
■ DC Voltage
Output range: -5 - +5 V DC, -10 - +10 V DC
Conformance range: -6 - +6 V DC, -12 - +12 V DC
Minimum span: 250 mV, 1 V
Load resistance: 200 kΩ min.
INSTALLATION
Power Consumption
•AC:
≤ 7 VA at 100 V
≤ 10 VA at 200 V
≤ 12 VA at 264 V
•DC: ≤ 4 W
Operating temperature: -5 to +55°C (23 to 131°F)
Storage temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 10 to 85 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 120 g (0.26 lb) except base
PERFORMANCE
Accuracy: Input accuracy + output accuracy
See CALCULATION EXAMPLES OF OVERALL ACCURACY.
Inversely proportional to the setting span.
Input accuracy: (whichever is greater)
Table 1 accuracy value or ±0.1 % of FS
Display accuracy:
Input display: Input accuracy ±1 digit
Output display: Input accuracy + output accuracy ±1 digit
Output accuracy: (% of max. output range)
0 - 20 mA: ±0.06 %
-5 - +5 V: ±0.03 %
-10 - +10 V: ±0.03 %
Temp. coefficient (% of max. I/O range): ±0.015 %/°C
(±0.008 %/°F)
Response time (filter time constant: 0 sec.): ≤ 0.5 sec.
(0 – 90 %)
Burnout response: ≤ 10 sec.
Line voltage effect: ±0.1 % over voltage range
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength: 1500 V AC @ 1 minute
(Ch1 input to Ch2 input to Ch1 output to Ch2 output to
power to ground)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com