Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1EXT-2-R Datasheet(PDF) 9 Page - M-System Co.,Ltd.

Part # M1EXT-2-R
Description  2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M1EXT-2-R Datasheet(HTML) 9 Page - M-System Co.,Ltd.

  M1EXT-2-R Datasheet HTML 1Page - M-System Co.,Ltd. M1EXT-2-R Datasheet HTML 2Page - M-System Co.,Ltd. M1EXT-2-R Datasheet HTML 3Page - M-System Co.,Ltd. M1EXT-2-R Datasheet HTML 4Page - M-System Co.,Ltd. M1EXT-2-R Datasheet HTML 5Page - M-System Co.,Ltd. M1EXT-2-R Datasheet HTML 6Page - M-System Co.,Ltd. M1EXT-2-R Datasheet HTML 7Page - M-System Co.,Ltd. M1EXT-2-R Datasheet HTML 8Page - M-System Co.,Ltd. M1EXT-2-R Datasheet HTML 9Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
MODEL: M1EXT-2
M1EXT-2 SPECIFICATIONS
ES-5985 Rev.2 Page 9/9
https://www.m-system.co.jp/
TERMINAL ASSIGNMENTS
1
2
4
5
6
7
3
8
11
12
13
14
15
16
17
18
19
20
9
10
CJC Sensor (CJM)
* Base does not come with the unit. Please order separately.
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
5
8
9
10
1
2
6
7
12
14
15
20
13
16
17
18
Digital
Computation
Circuit
JACK
3
4
Low Drift
Amplifie
& Burnout
Low Drift
Amplifie
& Burnout
CONFIGURATOR
Display
Circuit
Front
Button
–
+
–
CH1 T/C
comp. leadwire
+
CJC
SENSOR
–
+
–
CH2 T/C
comp. leadwire
+
CJC
SENSOR
Isolation
Isolation
Isolation
Isolation
Output
Driver
Output
Driver
11 +
–
CH1 OUTPUT
+
–
CH2 OUTPUT
19 U(+)
V(–)
POWER
Base
model: CJM
model: CJM
Specifications are subject to change without notice.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com