Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1EXM-2-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # M1EXM-2-R
Description  2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M1EXM-2-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M1EXM-2-R Datasheet HTML 1Page - M-System Co.,Ltd. M1EXM-2-R Datasheet HTML 2Page - M-System Co.,Ltd. M1EXM-2-R Datasheet HTML 3Page - M-System Co.,Ltd. M1EXM-2-R Datasheet HTML 4Page - M-System Co.,Ltd. M1EXM-2-R Datasheet HTML 5Page - M-System Co.,Ltd. M1EXM-2-R Datasheet HTML 6Page - M-System Co.,Ltd. M1EXM-2-R Datasheet HTML 7Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MODEL: M1EXM-2
M1EXM-2 SPECIFICATIONS
ES-5983 Rev.2 Page 5/7
https://www.m-system.co.jp/
PARAMETER LIST
It is available to con gure or con rm settings shown below by using front button. Con guring or con rming with PC is
available when using M1E con gurator software (model: M1ECFG).
MODE
ITEM
SETTING PARAMETER
RANGE
UNIT
INITIAL VALUE
Ch1 Setting
01
Lockout setting
Lock / Unlock
–
Lock
12
Ch1 0 % input setting
–
–
–
13
Ch1 100 % input setting
–
–
–
14
Ch1 0 % input scaling
-99999 – 999999
–
0.00
15
Ch1 100 % input scaling
-99999 – 999999
–
100.00
16
Ch1 Input decimal point
No decimal point
The number of decimal places: 1 – 5
–
2 places of decimals
17
Ch1 Unit (INP Scaling)
Choose from 68 types*
–
%
18
Ch1 Output range
0 – 20 mA
-5 – +5 V
-10 – +10 V
–
0 – 20 mA
19
Ch1 0 % output setting
0.000 – 19.000
-5.000 – 4.750
-10.000 – 9.000
mA
V
V
4.000
20
Ch1 100 % output setting
1.000 – 20.000
-4.750 – 5.000
-9.000 – 10.000
mA
V
V
20.000
79
Ch1 Filter time constant
0 – 30
sec.
0
82
Ch1 Output Zero fine adjust
-5.000 – 5.000
%
0.000
83
Ch1 Output Span fine adjust
95.000 – 105.000
%
100.000
89
Ch1 Loop test
-5.00 – 105.00
%
Cancel
Ch2 Setting
112
Ch2 0 % input setting
–
–
–
113
Ch2 100 % input setting
–
–
–
114
Ch2 0 % input scaling
-99999 – 999999
–
0.00
115
Ch2 100 % input scaling
-99999 – 999999
–
100.00
116
Ch2 Input decimal point
No decimal point
The number of decimal places: 1 – 5
–
2 places of decimals
117
Ch2 Unit (INP Scaling)
Choose from 68 types*
–
%
118
Ch2 Output range
0 – 20 mA
-5 – +5 V
-10 – +10 V
–
0 – 20 mA
119
Ch2 0 % output setting
0.000 – 19.000
-5.000 – 4.750
-10.000 – 9.000
mA
V
V
4.000
120
Ch2 100 % output setting
1.000 – 20.000
-4.750 – 5.000
-9.000 – 10.000
mA
V
V
20.000
179
Ch2 Filter time constant
0 – 30
sec.
0
182
Ch2 Output Zero fine adjust
-5.000 – 5.000
%
0.000
183
Ch2 Output Span fine adjust
95.000 – 105.000
%
100.000
189
Ch2 Loop test
-5.00 – 105.00
%
Cancel
01
Lockout setting
Lock / Unlock
–
Lock



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com