Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M1EAXV-2-3-R Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # M1EAXV-2-3-R
Description  2 Channel Super-mini Signal Conditioners with Display M1E-2 Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M1EAXV-2-3-R Datasheet(HTML) 7 Page - M-System Co.,Ltd.

Back Button M1EAXV-2-3-R Datasheet HTML 2Page - M-System Co.,Ltd. M1EAXV-2-3-R Datasheet HTML 3Page - M-System Co.,Ltd. M1EAXV-2-3-R Datasheet HTML 4Page - M-System Co.,Ltd. M1EAXV-2-3-R Datasheet HTML 5Page - M-System Co.,Ltd. M1EAXV-2-3-R Datasheet HTML 6Page - M-System Co.,Ltd. M1EAXV-2-3-R Datasheet HTML 7Page - M-System Co.,Ltd. M1EAXV-2-3-R Datasheet HTML 8Page - M-System Co.,Ltd. M1EAXV-2-3-R Datasheet HTML 9Page - M-System Co.,Ltd. M1EAXV-2-3-R Datasheet HTML 10Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MODEL: M1EAXV-2
M1EAXV-2 SPECIFICATIONS
ES-5995 Rev.2 Page 7/10
https://www.m-system.co.jp/
MODE
ITEM
SETTING PARAMETER
RANGE
UNIT
INITIAL VALUE
Ch2 setting
111
Ch2 Input range
0 – 50 mA
-1000 – +1000 mV
-10 – +10 V
—
0 – 50 mA
112
Ch2 0 % input setting
0.00 – 48.00
-1000.0 – 900.0
-10.000 – 9.000
mA
mV
V
4.00
113
Ch2 100 % input setting
2.00 – 50.00
-900.0 – 1000.0
-9.000 – 10.000
mA
mV
V
20.00
114
Ch2 0 % input scaling
-99999 – 999999
—
0.00
115
Ch2 100 % input scaling
-99999 – 999999
—
100.00
116
Ch2 Input decimal point
No decimal point
The number of decimal places : 1 – 5
—
2 places of decimals
117
Ch2 Unit (INP Scaling)
Choose from 68 types
*
—
%
130
Ch2 L1 alarm enable
Disable / Enable
—
Enable
131
Ch2 L1 alarm setpoint
-99999 – 999999
*
—
20.00
132
Ch2 L1 trip action
High / Low
—
Low
133
Ch2 L1 deadband
0 – 999999*
—
0.01
134
Ch2 L1 coil at alarm
Energized / De-energized
—
Energized
140
Ch2 L2 alarm enable
Disable / Enable
—
Enable
141
Ch2 L2 alarm setpoint
-99999 – 999999
*
—
80.00 (2 points alarm)
30.00 (4 points alarm)
142
Ch2 L2 trip action
High / Low
—
High (2 points alarm)
Low (4 points alarm)
143
Ch2 L2 deadband
0 – 999999
*
—
0.01
144
Ch2 L2 coil at alarm
Energized / De-energized
—
Energized
150
Ch2 L3 alarm enable
Disable / Enable
—
Enable
151
Ch2 L3 alarm setpoint
-99999 – 999999*
—
70.00
152
Ch2 L3 trip action
High / Low
—
High
153
Ch1 L3 deadband
0 – 999999*
—
0.01
154
Ch2 L3 coil at alarm
Energized / De-energized
—
Energized
160
Ch2 L4 alarm enable
Disable / Enable
—
Enable
161
Ch2 L4 alarm setpoint
-99999 – 999999
*
—
80.00
162
Ch2 L4 trip action
High / Low
—
High
163
Ch2 L4 deadband
0 – 999999
*
—
0.01
164
Ch2 L4 coil at alarm
Energized / De-energized
—
Energized
170
Ch2 Alarm ON-delay time
0 – 999
sec.
0
171
Ch2 Power ON-delay time
0 – 999
sec.
5
172
Ch2 Latching alarm
Disable / Enable
—
Disable
179
Ch2 Filter time constant
0 – 30
sec.
0
180
Ch2 Input Zero ne adjust
-5.000 – 5.000
%
0.000
181
Ch2 Input Span ne adjust
95.000 – 105.000
%
100.000
189
Ch2 Alarm test
—
—
Cancel
01
Lockout setting
Lock / Unlock
—
Lock
Advanced
201
Display setting
Upper: choose from 14 types*
Lower: choose from 15 types*
—
Upper: Ch1 ALARM
(Scaling)
Lower: Ch2 ALARM
(Scaling)
202
Channel enable
Choose from 3 types
—
Ch1 enable
Ch2 enable
203
Brightness
1 (darkest) — 4 (brightest)
—
4
204
Display timeout
0 (always on), 1 — 60
min
10
205
Reset all settings
OFF / RESET
—
OFF
206
Version indication
—
—
—
01
Lockout setting
Lock / Unlock
—
Lock
* For details, refer to the operating manual (EM-5995-B).



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com