Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8BS2-042-R Datasheet(PDF) 5 Page - M-System Co.,Ltd.

Part # M8BS2-042-R
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8BS2-042-R Datasheet(HTML) 5 Page - M-System Co.,Ltd.

  M8BS2-042-R Datasheet HTML 1Page - M-System Co.,Ltd. M8BS2-042-R Datasheet HTML 2Page - M-System Co.,Ltd. M8BS2-042-R Datasheet HTML 3Page - M-System Co.,Ltd. M8BS2-042-R Datasheet HTML 4Page - M-System Co.,Ltd. M8BS2-042-R Datasheet HTML 5Page - M-System Co.,Ltd. M8BS2-042-R Datasheet HTML 6Page - M-System Co.,Ltd. M8BS2-042-R Datasheet HTML 7Page - M-System Co.,Ltd. M8BS2-042-R Datasheet HTML 8Page - M-System Co.,Ltd. M8BS2-042-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
MODEL: M8BS2
M8BS2 SPECIFICATIONS
ES-5495 Rev.15 Page 5/14
http://www.m-system.co.jp/
■ M8BS2-041-R
1
2
3
4
+ – + – + – + –
210 (8.27)
230 (9.06)
250 (9.84)
CH1
CH4
7.2(.28)
8–M3.5
OUTPUT TERMINALS
3–M3.5 POWER
TERMINALS
C D C D C D C D
CH4
CH1
A B A B A B A B
16–M3.5 INPUT TERMINALS
1 2 3
POWER LED
7.3 (.29)
8.6 (.34)
*1. Included with M8CTx.
CT PROTECTOR (CTR) *
1
■ M8BS2-042-M2
CH1
CH4
1
2
3
4
+ – + – + – + –
7.3(.29)
16–M3.5
OUTPUT TERMINALS
OUTPUT 2 TERM.
OUTPUT 1 TERM.
210 (8.27)
230 (9.06)
250 (9.84)
AC POWER UNIT
+ – + – + – + –
5-M3.5 POWER
TERMINALS
7 " % +



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com