Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KA2803 Datasheet(PDF) 4 Page - ON Semiconductor

Part # KA2803
Description  Earth Leakage Detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

KA2803 Datasheet(HTML) 4 Page - ON Semiconductor

  KA2803 Datasheet HTML 1Page - ON Semiconductor KA2803 Datasheet HTML 2Page - ON Semiconductor KA2803 Datasheet HTML 3Page - ON Semiconductor KA2803 Datasheet HTML 4Page - ON Semiconductor KA2803 Datasheet HTML 5Page - ON Semiconductor KA2803 Datasheet HTML 6Page - ON Semiconductor KA2803 Datasheet HTML 7Page - ON Semiconductor KA2803 Datasheet HTML 8Page - ON Semiconductor KA2803 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
KA2803
www.onsemi.com
4
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
20
V
ICC
Supply Current
8
mA
PD
Power Dissipation
300
mW
TL
Lead Temperature, Soldering 10 Seconds
260
°C
TA
Operation Temperature Range for KA2803B and KA2803BDTF
−25
80
°C
Operation Temperature Range for KA2803CDTF
−25
+100
°C
TSTG
Storage Temperature Range
−65
+150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
RECOMMENDED OPERATING CONDITIONS (For KA2803B and KA2803BDTF, TA = −25°C to 80°C unless otherwise noted. For
KA2803CDTF, TA = −25°C to +100°C unless otherwise noted.)
Symbol
Parameter
Conditions
Test Circuit
Min.
Typ.
Max.
Units
ICC
Supply Current 1
VCC = 12V,
VR = OPEN,
VI = 2 V
TA = −25°C
Figure 5
580
mA
TA = +25°C
300
400
530
TA = +100°C
480
VT
Trip Voltage
VCC = 16 V,
VR = 2 V~2.02 V,
VI = 2 V
TA = +25°C
Figure 6
14
16
18
mV
(rms)
IO(D)
Differential Amplifier
Current Current 1
VCC = 16 V,
VR~VI = 30 mV,
VOD = 1.2 V
TA = +25°C
Figure 8
−12
−20
−30
mA
Differential Amplifier
Current Current 2
VCC = 16 V,
VOD = 0.8 V,VR,
VI Short = VP
TA = +25°C
Figure 9
17
27
37
IO
Output Current
VSC = 1.4 V,
VOS = 0.8 V,
VCC = 16.0 V
TA= −25°C
Figure 10
200
400
800
mA
TA= +25°C
200
400
800
TA= +100°C
100
300
600
VSCON
Latch-On Voltage
VCC = 16 V
Figure 11
0.7
1.0
1.4
V
ISCON
Latch Input Current
VCC = 16 V
Figure 12
−13
−7
−1
mA
IOSL
Output Low Current
VCC = 12 V, VOSL = 0.2 V
Figure 13
200
800
1400
mA
VIDC
Differential Input Clamp
Voltage
VCC = 16 V, IIDC = 100 mA
Figure 14
0.4
1.2
2.0
V
VSM
Maximum Current
Voltage
ISM = 7 mA
Figure 15
20
24
28
V
IS2
Supply Current 2
VCC = 12.0 V, VOSL = 0.6 V
Figure 16
200
400
900
mA
VSOFF
Latch-Off Supply Voltage
VOS = 12.0 V
Figure 17
7
8
9
V
VSC = 1.8 V
IIDC = 100.0 mA
tON
Response Time
VCC = 16 V, VR−VI = 0.3 V,
1V<VX <5V
Figure 18
2
3
4
ms
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
1. Guaranteed by design, not tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com