Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL40 Datasheet(PDF) 1 Page - Rectron Semiconductor

Part # SL40
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SL40 Datasheet(HTML) 1 Page - Rectron Semiconductor

  SL40 Datasheet HTML 1Page - Rectron Semiconductor SL40 Datasheet HTML 2Page - Rectron Semiconductor SL40 Datasheet HTML 3Page - Rectron Semiconductor SL40 Datasheet HTML 4Page - Rectron Semiconductor SL40 Datasheet HTML 5Page - Rectron Semiconductor SL40 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SURFACE MOUNT SCHOTTKY
BARRIER RECTIFIER
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Resistive or inductive load.
SL40
THRU
SL100
SOD-123F
MAXIMUM RATINGS (@ TA=25 OC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(@TA=25 OC unless otherwise noted)
Dimensions in inches and (millimeters)
* Low power loss, high efficiency
* Low leakage
* Low forward voltage drop
* High current capability
* High speed switching
* High surge capabitity
* High reliability
* MSL: level 1
* Epoxy: Device has UL flammability classification 94V-O
* Mounting position: Any
* Flat lead frame
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
@ TL =80
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
SYMBOL
VRRM
VDC
IFSM
TSTG
VRMS
UNITS
Volts
Volts
Volts
Amps
1.0
28
Amps
0 C
Storage Temperature Range
IO
Operating Temperature Range
TJ
SL40
40
28
40
SL60
60
42
60
SL100
100
70
100
-55to+150
0 C
Typical Thermal Resistance (Note 3)
R JA
R JL
70
0 C/W
20
CHARACTERISTICS
Maximum Average Reverse Current
at Rated DC Blocking Voltage
VF
SYMBOL
IR
mAmps
Maximum Instantaneous Forward Voltage at 1.0A DC
Volts
0.5
30
@TA =25
oC
@TA =150
oC
0.55
mAmps
UNITS
NOTES : 1. Measured at 1 MHz and applied reverse voltage of 4 Volts.
2019-09/47
REV:O
2. “ROHS compliant”.
3. Thermal Resistance: Mounted on PCB.
Typical Current Square Time
I2T
A2S
3.3
.
043(1.10)
.028 (0.70)
.077 (1.95)
.063 (1.60)
.114 (2.90)
.100 (2.55)
VOLTAGE RANGE 40 to 100 Volts CURRENT 1.0 Ampere
.154 (3.9)
.142 (3.6)
.053 (1.35)
.039(1.00)
.035(0.90)
.013(0.35)
010(0.25)
* Halogen-free
* ESD: HBM class 3B ,MM class M4
.004(0.10)
0.40
SL40
SL60
SL100
0.60
-55to+150


Similar Part No. - SL40

ManufacturerPart #DatasheetDescription
logo
Weller Tools
SL40 WELLER-SL40 Datasheet
1Mb / 4P
1000 Volt Series Screwdrivers and Pliers
03.08
logo
System Logic Semiconduc...
SL4001B SLS-SL4001B Datasheet
31Kb / 4P
Quad 2-Input NOR Gate
SL4001BD SLS-SL4001BD Datasheet
31Kb / 4P
Quad 2-Input NOR Gate
SL4001BN SLS-SL4001BN Datasheet
31Kb / 4P
Quad 2-Input NOR Gate
logo
Surge Components
SL4001GTR SURGE-SL4001GTR Datasheet
53Kb / 1P
1 AMP SMD SILICON RECTIFIER
More results

Similar Description - SL40

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
SeCoS Halbleitertechnol...
SCS402D SECOS-SCS402D Datasheet
324Kb / 2P
Surface Mount Schottky Barrier Rectifier
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SR502 TAYCHIPST-SR502 Datasheet
9Mb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
MB18F PANJIT-MB18F Datasheet
237Kb / 5P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Zowie Technology Corpor...
SC32 ZOWIE-SC32 Datasheet
135Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
2SS20L RECTRON-2SS20L_09 Datasheet
370Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Semiconducto...
SK102 CHENDA-SK102 Datasheet
155Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com