Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SL60 Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SL60
Description  SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SL60 Datasheet(HTML) 2 Page - Rectron Semiconductor

  SL60 Datasheet HTML 1Page - Rectron Semiconductor SL60 Datasheet HTML 2Page - Rectron Semiconductor SL60 Datasheet HTML 3Page - Rectron Semiconductor SL60 Datasheet HTML 4Page - Rectron Semiconductor SL60 Datasheet HTML 5Page - Rectron Semiconductor SL60 Datasheet HTML 6Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INSTANTANEOUS FORWARD VOLTAGE, (V)
PERCENT RATED PEAK REVERSE VOLTAGE, (%)
LEAD TEMPERATURE, (
OC)
0
0.2
0.4
0.01
0.1
1
10
0
0.25
0.5
0.75
1.0
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.6
175
150
125
100
75
50
250
FIIG.3
REVERSE CHARACTERISTICS
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
FIG.2
INSTANTANEOUS
FORWAR
RD CHARACTERISTICS
Single
Half Wave 60HZ
Resistive or
Inductive Load
0.375" (9.5mm) Lead Length
TA =25
OC
Pulse Width = 300mS
1% Duty Cycle
FIG.4
NUMBER OF CYCLES AT 60Hz
1
0
20
10
30
50
40
86
2
4
10
20
40
80 100
T YPICAL REVERSE CHARACTERIST
TIIC
CS
S
8.3mS Single Half Sine-Wave
JEDEC Method
020
1000
0.1
0.01
1.0
10
100
100
120
40
60
80
140
TA =150
OC
TA =25
OC
TA =75
OC
SL40
SL60
SL100
MAXIMUM
MAXIMUM
RATING AND CHARACTERISTICS CURVES (SL40 THRU SL100)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com