Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPKC20100F Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # SPKC20100F
Description  SCHOTTKY BARRIER SOLAR RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

SPKC20100F Datasheet(HTML) 2 Page - Rectron Semiconductor

  SPKC20100F Datasheet HTML 1Page - Rectron Semiconductor SPKC20100F Datasheet HTML 2Page - Rectron Semiconductor SPKC20100F Datasheet HTML 3Page - Rectron Semiconductor SPKC20100F Datasheet HTML 4Page - Rectron Semiconductor SPKC20100F Datasheet HTML 5Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LEAD TEMPERATURE, (
OC)
0
5
10
15
20
25
150
175
100
50
0
RATING AND CHARACTERISTICS CURVES ( SPKC20100F )
FIG.3 TYPICAL FORWARD VOITAGE
FIG.1 TYPICAL FORWARD CURRENT
DERATING CURVE
Single Phase Half Wave
60Hz Inductive or
Resistive Load
FIG.2 TYPICAL REVERSE CURRENT
NUMBER OF CYCLES AT 60Hz
1
150
100
250
200
300
350
320
2
5
10
20
50
100
FIG.4 MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
8.3mS Single Half Sine-Wave
JEDEC Method
100
10
Tj=125
Tj=100
1
Tj=75
Tj=25
0
100000
10000
1000
100
Tj=125
Tj=100
Tj=75
10
Tj=25
1
0
20
40
60
80
?? ?? ?? ?? ?? ?? ??
VR, Reverse Voltage (Volts)
Vf, Instantaneous Forward Voltage (V)
0.1 0.15 0.2 0.25 0.3 0.35
0.4 0.45 0.5 0.55 0.6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com