Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSMT2-30051-R Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # LSMT2-30051-R
Description  MULTI POWER TRANSDUCER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

LSMT2-30051-R Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  LSMT2-30051-R Datasheet HTML 1Page - M-System Co.,Ltd. LSMT2-30051-R Datasheet HTML 2Page - M-System Co.,Ltd. LSMT2-30051-R Datasheet HTML 3Page - M-System Co.,Ltd. LSMT2-30051-R Datasheet HTML 4Page - M-System Co.,Ltd. LSMT2-30051-R Datasheet HTML 5Page - M-System Co.,Ltd. LSMT2-30051-R Datasheet HTML 6Page - M-System Co.,Ltd. LSMT2-30051-R Datasheet HTML 7Page - M-System Co.,Ltd. LSMT2-30051-R Datasheet HTML 8Page - M-System Co.,Ltd. LSMT2-30051-R Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
LSMT2
ES-1954 Rev.6
Specifications subject to change without notice.
MODBUS COMMUNICATION
Standard: Conforms to RS-485, EIA
Baud rate: 1200, 2400, 4800, 9600, 19.2k bps
selectable (front)
Communication: Half-duplex, asynchronous, no
procedure
Protocol:
Modbus RTU
Transmission distance: 500 meters max.
Transmission media: shielded twisted-pair cable
(CPEV-S 0.9 dia.)
Refer to the Modbus Protocol Reference Guide (EM-
5650) for supported functions.
INPUT & OUTPUT
■INPUT
•Voltage Input (must be balanced for 3-phase)
Operational range
Voltage & active/reactive power: 0 – 110% of rating
Power factor & frequency: 90 – 110% of rating
Overload capacity: 200% of rating for 10 sec.,
120% continuous
Input burden: ≤0.2VA/phase for 110V AC
≤0.3VA/phase for 220V AC
≤0.5VA/phase for 380V AC
•Current Input (can be unbalanced for 3-phase)
Operational range
Current & active/reactive power: 0 – 120% of rating
Power factor: 20 – 120% of rating
Overload capacity: 4000% of rating for 1 sec., 2000%
for 4 sec., 120% continuous
Input burden: ≤0.3VA/phase
■OUTPUT
•DC Current
Load resistance
4 – 20mA
: 600 (Ω maximum)
0 – 1mA
: 10k
•DC Voltage
Load resistance
0 – 10V
: 1000 (Ω minimum)
0 – 5V
: 1000
1 – 5V
: 1000
P. 2 / 10
2.5
5A
0
5
•Voltage
0
150
300V
0
12
4
■I/O CHARACTERISTICS
•Current
20
OUT mA
INP
10
OUT V
INP
500
0
1000W
+1000W
0
-1000
5
•Watt
0
500
0
1000W
+1000W
0
-1000
12
4
0
1000var
(LAG)
1000
(LEAD)
5
•Var
0
0
1000var
(LAG)
1000
(LEAD)
12
4
1
0.5
(LAG)
0.5
(LEAD)
5
•Power Factor
0
1
0.5
(LAG)
0.5
(LEAD)
12
4
55
65Hz
45
5
•Frequency
0
55
65Hz
45
12
4
When the input voltage is zero or the current is the twentieth or less of
the rating, the output is either equivalent to power factor 1 or
0% or less (selectable).
When the input voltage is zero or the current is the twentieth or less of
the rating, the output is either equivalent to power factor 1 or
0% or less (selectable).
When the input voltage is the fifth or less of the rating, the output
is equivalent to the input frequency – 2Hz.
20
OUT mA
INP
10
OUT V
INP
10
OUT V
INP
10
OUT V
INP
20
OUT mA
INP
0
1000
1000var
0
0
1000
(LEAD)
REVERSE FLOW
DIRECT FLOW
(LAG)
(LEAD)
(LAG)
5
•Var for Bidirectional Current
0
10
OUT V
INP
0
1000
1000var
1000
(LEAD)
REVERSE FLOW
DIRECT FLOW
(LAG)
(LEAD)
(LAG)
12
4
20
OUT mA
INP
11
00
0
(LEAD)
REVERSE FLOW
DIRECT FLOW
(LAG)
(LEAD)
(LAG)
5
0
10
OUT V
INP
11
00
0
(LEAD)
REVERSE FLOW
DIRECT FLOW
(LAG)
(LEAD)
(LAG)
12
4
20
OUT mA
INP
11
00
00.5
0.5
0.5
0.5
(LEAD)
REVERSE FLOW
DIRECT FLOW
(LAG)
(LEAD)
(LAG)
5
0
10
OUT V
INP
11
00.5
0.5
0
00.5
0.5
(LEAD)
REVERSE FLOW
DIRECT FLOW
(LAG)
(LEAD)
(LAG)
12
4
20
OUT mA
INP
20
OUT mA
INP
•Power Factor for Bidirectional Current
20
OUT mA
INP
10
OUT V
INP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com