Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LH1502BA Datasheet(PDF) 2 Page - Vishay Siliconix

Part # LH1502BA
Description  Dual 1 Form A/B, C Solid-State Relay
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LH1502BA Datasheet(HTML) 2 Page - Vishay Siliconix

  LH1502BA Datasheet HTML 1Page - Vishay Siliconix LH1502BA Datasheet HTML 2Page - Vishay Siliconix LH1502BA Datasheet HTML 3Page - Vishay Siliconix LH1502BA Datasheet HTML 4Page - Vishay Siliconix LH1502BA Datasheet HTML 5Page - Vishay Siliconix LH1502BA Datasheet HTML 6Page - Vishay Siliconix LH1502BA Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LH1502BAC, LH1502BACTR, LH1502BB
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 13-Oct-2020
2
Document Number: 83806
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability
(1) Refer to reflow profile for soldering conditions for surface mounted devices (SMD). Refer to wave profile for soldering conditions for through
hole devices (DIP)
(2) Breakdown occurs between the output pins external to the package
(3) Refer to current limit performance application note for a discussion on relay operation during transient currents
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
LED continuous forward current
IF
50
mA
LED reverse voltage
IR
≤ 10 μA
VR
8V
OUTPUT
DC or peak AC load voltage
IL
≤ 50 μA
VL
350
V
Continuous DC load current
(form C operation)
IL
150
mA
Peak load current, form A
t = 100 ms
IP
(3)
Peak load current (single shot), form B
IP
350
mA
SSR
Ambient operating temperature range
Tamb
-40 to +85
°C
Storage temperature range
Tstg
-40 to +125
°C
Pin soldering temperature (1)
t = 10 s max.
Tsld
260
°C
Input to output isolation test voltage
t = 1 s, IISO = 10 μA max.
VISO
3750
VRMS
Pole-to-pole isolation voltage (S1 to S2) (2),
(dry air, dust free, at sea level)
1600
V
Output power dissipation (continuous)
Pdiss
600
mW
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
LED forward current, switch turn-on (NO)
IL = 100 mA, t = 10 ms
IFon
-0.6
2
mA
LED forward current, switch turn-off (NO)
VL = ± 300 V
IFoff
0.4
0.5
-
mA
LED forward current, switch turn-on (NC)
IL = 300 mA, t = 10 ms
IFon
0.2
0.9
-
mA
LED forward current, switch turn-off (NC)
VL = ± 300 V
IFoff
-1
2
mA
LED forward voltage
IF = 10 mA
VF
1.15
1.26
1.45
V
OUTPUT
On-resistance (NO, NC)
IF = 5 mA (NO), IF = 0 mA (NC),
IL = 50 mA (NC)
RON
12
20
25
Ω
Off-resistance (NO)
IF = 0 mA, VL = ± 100 V
ROFF
0.35
5000
-
G
Ω
Off-resistance (NC)
IF = 5 mA, VL = ± 100 V
ROFF
0.1
1.4
-
G
Ω
Current limit (NO)
IF = 5 mA, t = 5 ms, VL = ± 5 V
ILMT
270
290
380
mA
Off-state leakage current (NO)
IF = 0 mA, VL = ± 100 V
IO
-
0.02
1000
nA
Off-state leakage current (NC)
IF = 5 mA, VL = ± 100 V
IO
-0.07
1
μA
Off-state leakage current (NO, NC)
IF = 0 mA (NO), IF = 5 mA (NC),
VL = ± 200 V
IO
--
1
μA
Output capacitance (NO)
IF = 0 mA, VL = 50 V
CO
-50
-
pF
Output capacitance (NC)
IF = 5 mA, VL = 50 V
CO
-50
-
pF
TRANSFER
Capacitance (input to output)
VISO = 1 V
CIO
-3
-
pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com