Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIP31001 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SIP31001
Description  Battery Monitor and Protective Discharge IC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIP31001 Datasheet(HTML) 2 Page - Vishay Siliconix

  SIP31001 Datasheet HTML 1Page - Vishay Siliconix SIP31001 Datasheet HTML 2Page - Vishay Siliconix SIP31001 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Package Information
www.vishay.com
Vishay Siliconix
Revision: 29-Dec-14
1
Document Number: 65224
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
WLCSP9 3 x 3 (9 Bumps) POD (for 17 mil Die thickness)
Notes (unless otherwise specified)
1. Laser mark on the silicon die back, coated with an epoxy film.
2. Bumps are SAC396.
3. 0.050 mm max. co-planarity.
4. Laminate tape thickness is 0.022 mm.
5. Use millimeters as the primary measurement
DIM.
MILLIMETERS
INCHES
MIN.
NOM.
MAX.
MIN.
NOM.
MAX.
A
0.600
0.620
0.640
0.0236
0.0244
0.0252
A1
0.144
0.170
0.196
0.0057
0.0067
0.0077
b
0.220
0.250
0.280
0.0087
0.0098
0.0110
e
0.400
0.0157
s
0.205
0.225
0.245
0.0081
0.0089
0.0096
D
1.220
1.250
1.280
0.0480
0.0492
0.0504
E
1.220
1.250
1.280
0.0480
0.0492
0.0504
s
e
s
e
E
Y W L
AB C
Index Bump A1
A1
B1
C1
A2
A3
B2
B3
C2
C3
Top View
Bottom View
Side View
Bump Note 2
Recommanded
Land Pattern
(NSMD)
e
A1
e
9x Ø b
9x 0.22 mm Cu pad
solder mask Ø 0.32 mm
T14-0805-Rev. A, 29-Dec-14
DWG: 6030



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com