Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PAL012A Datasheet(PDF) 1 Page - STMicroelectronics

Part # PAL012A
Description  PIONEER SPEAKER OUTPUT IC For DEH-1650 ABD AUDIO & POWER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PAL012A Datasheet(HTML) 1 Page - STMicroelectronics

  PAL012A Datasheet HTML 1Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Part Number : PAL012A ( = PA2032A )
Function : PIONEER SPEAKER OUTPUT IC For DEH-1650 ABD AUDIO & POWER
Package : Flexiwatt 27 Pin Type
Manufacturers : Pioneer, STMicro
Image
Description
The PAL012A is an AB class audio power amplifier, packaged in Flexiwatt 25 and designed for high end car radio applications. Based on a fully complementary
PNP/NPN configuration, the PAL012A allows a rail to rail output voltage swing with no need of bootstrap capacitors. The extremely reduced boundary
components count allows very compact sets.
Features
1. High output power capability
2. Low distortion
3. Low output noise
4. Standby function
5. Mute function
6. Automute at min. supply voltage detection
7. Low external component count
8. Protections
– Output short circuit to GND, to VS, across the load
– Very inductive loads
– Overrating chip temperature with soft thermal limiter
– Load dump voltage
– Fortuitous open GND
– Reversed battery
– ESD


Similar Part No. - PAL012A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PAL011A STMICROELECTRONICS-PAL011A Datasheet
69Kb / 1P
MOSFET Car Radio Stereo Internal Amplifier Ic Sound Chip
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
4 x 45 W Quad bridge car radio amplifier
More results

Similar Description - PAL012A

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN7555NZ PANASONIC-AN7555NZ Datasheet
56Kb / 5P
BTL output power IC for car audio
AN7560Z PANASONIC-AN7560Z Datasheet
109Kb / 10P
BTL output power IC for car audio
AN7561Z PANASONIC-AN7561Z Datasheet
100Kb / 11P
BTL output power IC for car audio
logo
Sanyo Semicon Device
LA9410 SANYO-LA9410 Datasheet
104Kb / 4P
Final Audio Output IC for LD Players
logo
Panasonic Semiconductor
AN7551Z PANASONIC-AN7551Z Datasheet
100Kb / 11P
Power IC for BTL car audio
logo
New Japan Radio
NJM2761 NJRC-NJM2761 Datasheet
199Kb / 7P
The Audio Limiter for Speaker Protection
logo
C-Media Electronics
CM102-A+ CMEDIA-CM102-A+ Datasheet
198Kb / 21P
USB 2CH Audio Controller for Speaker
logo
Panasonic Semiconductor
AN7555Z PANASONIC-AN7555Z Datasheet
59Kb / 5P
BTL output power IC for car audio
AN12948A PANASONIC-AN12948A Datasheet
260Kb / 8P
Audio Power IC for Note PC
RSN3404 PANASONIC-RSN3404 Datasheet
558Kb / 1P
AUDIO Output IC Power Circuit SA-CH75
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com