Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EFR-RXXXX Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EFR-RXXXX
Description  Ultrasonic Ceramic Sensors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EFR-RXXXX Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EFR-RXXXX Datasheet HTML 1Page - Panasonic Semiconductor EFR-RXXXX Datasheet HTML 2Page - Panasonic Semiconductor EFR-RXXXX Datasheet HTML 3Page - Panasonic Semiconductor EFR-RXXXX Datasheet HTML 4Page - Panasonic Semiconductor EFR-RXXXX Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
Ð EF73 Ð
s
Ratings and Characteristics
Ultrasonic Ceramic Sensors
Type
Standard Type
Part No.
EFRRUB40K5
EFRTUB40K5
EFRRUB25K5
EFRTUB25K5
Item
Nominal Frequency
(kHz)
40.0
40.0
25.0
25.0
Sensitivity
(dB)
V
Ð45 min.
Ñ
Ð45 min.
Ñ
Sound Pressure Level
(dB)
VV
Ñ
112 min.
Ñ
105 min.
Bandwidth
(kHz)
4.0 min.
4.0 min.
2.5 min.
2.5 min.
Application
Receiver
Transmitter
Receiver
Transmitter
Maximum Input Voltage
(Vrms)
Ñ
20
Ñ
20
Operating Temperature Range
(ûC)
Ð20 to 60
Type
Compact Type
Temperature Stable Type
Part No.
EFRRHB40K5
EFRTHB40K5
EFRRSB40K5
EFRTSB40K5
Item
Nominal Frequency
(kHz)
40.0
40.0
40.0
40.0
Sensitivity
(dB)
V
Ð47 min.
Ñ
Ð50 min.
Ñ
Sound Pressure Level
(dB)
VV
Ñ
110 min.
Ñ
105 min.
Bandwidth
(kHz)
4.0 min.
4.0 min.
4.0 min.
4.0 min.
Application
Receiver
Transmitter
Receiver
Transmitter
Maximum Input Voltage
(Vrms)
Ñ
20
Ñ
20
Operating Temperature Range
(ûC)
Ð20 to 60
Ð40 to 100
Type
Enclosed Type
Part No.
EFRRQB40K5
EFRTQB40K5
Item
Nominal Frequency
(kHz)
40.0
40.0
Sensitivity
(dB)
V
Ð55 min.
Ñ
Sound Pressure Level
(dB)
VV
Ñ
105 min.
Bandwidth
(kHz)
1.0 min.
1.0 min.
Application
Receiver
Transmitter
Maximum Input Voltage
(Vrms)
Ñ
20
Operating Temperature Range
(ûC)
Ð20 to 60
V
0 dB=1 V/Pa
VV
0 dB=2×10Ð5 Pa



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com