Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICE3AS02 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # ICE3AS02
Description  Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3AS02 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button ICE3AS02 Datasheet HTML 5Page - Infineon Technologies AG ICE3AS02 Datasheet HTML 6Page - Infineon Technologies AG ICE3AS02 Datasheet HTML 7Page - Infineon Technologies AG ICE3AS02 Datasheet HTML 8Page - Infineon Technologies AG ICE3AS02 Datasheet HTML 9Page - Infineon Technologies AG ICE3AS02 Datasheet HTML 10Page - Infineon Technologies AG ICE3AS02 Datasheet HTML 11Page - Infineon Technologies AG ICE3AS02 Datasheet HTML 12Page - Infineon Technologies AG ICE3AS02 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
F3
ICE3AS02 / ICE3AS02G / ICE3BS02 / ICE3BS02G
Functional Description
Version 1.1
9
21 May 2004
Once the malfunction condition is removed, this block
will then turn back on. The recovery from Auto Restart
Mode does not require disconnecting the SMPS from
the AC line.
When Active Burst Mode is entered, the internal Bias is
switched off in order to reduce the current consumption
to below 1.05mA while keeping the Voltage Reference
active as this is necessary in this mode.
3.3
Startup Phase
Figure 5
Soft Start
At the beginning of the Startup Phase, the IC provides
a Soft Start duration whereby it controls the maximum
primary current by means of a duty cycle limitation. A
signal V
SoftS
which is generated by the external
capacitor C
Softs in combination with the internal pull up
resistor R
SoftS, determines the duty cycle until VSoftS
exceeds 4V.
When the Soft Start begins, C
SoftS
is immediately
charged up to approx. 1V by T2. Therefore the Soft
Start Phase takes place between 1V and 4V. Above
V
SoftsS = 4V there is no longer duty cycle limitation
DC
max which is controlled by comparator C7 since
comparator C2 blocks the gate G7 (see Figure 5). The
maximum charge current in the very first stage when
V
SoftS is below 1V, is limited to 1.32mA.
Figure 6
Startup Phase
By means of this extra charge stage, there is no delay
in the beginning of the Startup Phase when there is still
no switching. Furthermore Soft Start is finished at 4V to
have faster the maximum power capability. The duty
cycles DC
1 and DC2 are depending on the mains and
the primary inductance of the transformer. The
limitation of the primary current by DC
2 is related to
V
SoftS = 4V. But DC1 is related to a maximum primary
current which is limited by the internal Current Limiting
with CS = 1V. Therefore the maximum Startup Phase
is divided into a Soft Start Phase until t1 and a phase
from t1 until t2 where maximum power is provided if
demanded by the FB signal.
Soft-Start
Comparator
Soft Start
&
G7
C7
C
SoftS
R
SoftS
T2
3.25k
6.5V
T3
1V
SoftS
Gate Driver
0.85V
x3.7
PWMOP
CS
4V
C2
DC
max
DC
1
DC
2
t
t
V
SoftS
max. Soft Start Phase
1V
4V
5.4V
max. StartupPhase
t1
t2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com