Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD7F Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MD7F
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MD7F Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MD7F Datasheet HTML 1Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL: MD7F
http://www.m-system.co.jp/
MD7F SPECIFICATIONS
ES-8059 Rev.1 Page 1/1
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LOOP DISCONNECT FUSE
Functions & Features
•Replacement fuse for MD7 Series Lightning Surge
Protectors
MODEL: MD7F-25
ORDERING INFORMATION
• Code number: MD7F-25
RATED CURRENT
25: 250 mA
GENERAL SPECIFICATIONS
Housing material: Flame-resistant resin (black)
INSTALLATION
Weight: 5 g (0.18 oz)
DIMENSIONS unit: mm (inch)
7.2 (.28)
4.2 (.17)
Loop disconnect fuses are used with specific types of MD7 Series Surge Protectors.
Please consult the surge protector’s specifications.
Specifications are subject to change without notice.


Similar Part No. - MD7F

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
MD7F-20P-2.54DS HIROSE-MD7F-20P-2.54DS Datasheet
284Kb / 7P
2.54mm Pitch Bottom Entry Type Connector
logo
M-System Co.,Ltd.
MD7FB MSYSTEM-MD7FB Datasheet
127Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD7FB-FF0 MSYSTEM-MD7FB-FF0 Datasheet
127Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD7FB-FF0/Q MSYSTEM-MD7FB-FF0/Q Datasheet
127Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD7FB-FG0 MSYSTEM-MD7FB-FG0 Datasheet
127Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results

Similar Description - MD7F

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com