Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD7AP Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # MD7AP
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MD7AP Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  MD7AP Datasheet HTML 1Page - M-System Co.,Ltd. MD7AP Datasheet HTML 2Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MODEL: MD7AP
MD7AP SPECIFICATIONS
ES-8069 Rev.6 Page 2/2
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
8
6
5
4
1
2
3
7
4
1
5
2
6
3
8
7
7
[.28]
98 [3.86]
(1.5 [.06])
8–M3 EURO
TERMINAL
DIN RAIL
(35 mm wide)
DIN RAIL
ADAPTOR
WIRE INSERTION ANGLE: approx. 20°
MONITOR LED
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
5
2
6
3
7
8
INDICATOR
CIRCUIT
4
5
6
8
4
1
2
3
7
1
Surge
Side
Surge
Side
Protected
Side
Protected
Side
AC Power
Supply
(protected)
Electronic
Device
(protected)
FG
U
V
MONITOR LED
SAFETY
FUSE
MONITOR LED
INDICATOR
CIRCUIT
FG
U
V
M-RESTER
M-RESTER
*4
*5
*1. Oxide film on the surface of an aluminium rail may lower the electric conductivity between this module and the ground.
Use a steel or copper rail.
*2. Be sure to ground the DIN rail. Recommended grounding resistance ≤100Ω
*3. Cross-wire between the DIN rail and the metal housing of the protected device to equalize the earth potential.
Ground only the surge protector when the protected device has no ground terminal.
*4. Use an AC power source with the overload current protection function. (maximum output current 3A)
*5. Install a current limiting element (capacity 3) when the output current exceeds 3A.
SAFETY
FUSE
DIN RAIL ADAPTOR
(for grounding)
DIN RAIL
Grounding
DIN RAIL ADAPTOR
(for grounding)
DIN RAIL
Grounding
Crossover Wire
*1
*1
*2
*2
*3
Crossover Wire*
3
SAFETY
FUSE
SAFETY
FUSE
SAFETY
FUSE
SAFETY
FUSE
Specifications are subject to change without notice.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com