Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MATPH750MA Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # MATPH750MA
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MATPH750MA Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  MATPH750MA Datasheet HTML 1Page - M-System Co.,Ltd. MATPH750MA Datasheet HTML 2Page - M-System Co.,Ltd. MATPH750MA Datasheet HTML 3Page - M-System Co.,Ltd. MATPH750MA Datasheet HTML 4Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
MODEL: MATPH
MATPH SPECIFICATIONS
ES-8160 Rev.3 Page 4/4
https://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm [inch]
45°
(WIRE INSERTION ANGLE)
DIN RAIL
35mm wide
(3.4 [.13])
60 [2.36]
80 [3.15]
ALARM OUTPUT *
TERMINAL
50 [1.97]
15 [.59] 15 [.59]
L–
NC
A1
A0
L+
5–M5 SCREW
TERMINAL COVER
SPECIFICATION
* Only for 'Alarm output' code 'A.'
MONITOR LED
15 [.59]
12.5 [.49]
SCHEMATIC CIRCUITRY
L+
L–
A1
NC
A0
ѳ
ѳ
ѳ
Monitor LED
ѳ: Thermal breaker
Note: Terminals A0 & A1 are available for ‘Alarm output’ code ‘A.’
Display
Circuit
Specifications are subject to change without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com