Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M8BS1-16U0-R Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # M8BS1-16U0-R
Description  Dual Output Super-mini Signal Conditioners Pico-M Series
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

M8BS1-16U0-R Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  M8BS1-16U0-R Datasheet HTML 1Page - M-System Co.,Ltd. M8BS1-16U0-R Datasheet HTML 2Page - M-System Co.,Ltd. M8BS1-16U0-R Datasheet HTML 3Page - M-System Co.,Ltd. M8BS1-16U0-R Datasheet HTML 4Page - M-System Co.,Ltd. M8BS1-16U0-R Datasheet HTML 5Page - M-System Co.,Ltd. M8BS1-16U0-R Datasheet HTML 6Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MODEL: M8BS1-16
M8BS1-16 SPECIFICATIONS
ES-5494 Rev.12 Page 1/6
http://www.m-system.co.jp/
Dual Output Super-mini Signal Conditioners Pico-M Series
INSTALLATION BASE (16 positions)
(CE)
Functions & Features
• Holding up to 16 modules of Pico-M series signal
conditioners
• Power for the I/O modules supplied via printed wiring on
the base
• Wiring within the instrumentation panel is minimized
through the collective power input terminal
MODEL: M8BS1-16[1]-[2][3]
ORDERING INFORMATION
• Code number: M8BS1-16[1]-[2][3]
Specify a code from below for each of [1] through [3].
(e.g. M8BS1-16U0-R/Q)
• Specify the specification for option code /Q
(e.g. /C01)
[1] CONNECTION (output 1/output 2)
U0: Screw terminal block / Screw terminal block
U3: Omron MIL type connector / Screw terminal block
Y1: Yokogawa DCS VMx/PM1 card use / Screw terminal block
[2] POWER INPUT
AC Power
M2: 100 – 240 V AC (Operational voltage range 85 – 264 V,
47 – 63 Hz)
DC Power
R: 24 V DC
(Operational voltage range 24 V ±10 %, ripple 10 %p-p max.)
[3] OPTIONS
blank: none
/Q: With options (specify the specification)
SPECIFICATIONS OF OPTION: Q
COATING (For the detail, refer to M-System's web site.)
Only solder side of the main PWB is coated.
/C01: Silicone coating
/C02: Polyurethane coating
/C03: Rubber coating
GENERAL SPECIFICATIONS
Capacity: 16 positions
Connection
Power input: M3.5 screw terminals (torque 0.8 N·m)
Input and output: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Nickel-plated steel
Isolation: Input to output 1 to output 2 to power to FG
Power indicator LED: ON with normal voltage level
(For AC power model, LED is on the AC power unit)
INSTALLATION
Power Consumption
•AC: 130 VA min.
•DC: 2.5 A min.
Operating temperature: 0 to 55°C (32 to 131°F)
0 to 50°C (32 to 122°F) for AC power
Operating humidity: 30 to 90 %RH (non- condensing)
30 to 85 %RH for AC power
Atmosphere: No corrosive gas or heavy dust
Mounting: Surface
Weight
M8BS1-16U0:
1.9 kg (4.2 lb) for power code M2
1.5 kg (3.3 lb) for power code R
M8BS1-16U3, M8BS1-16Y1:
1.7 kg (3.7 lb) for power code M2
1.3 kg (2.9 lb) for power code R
PERFORMANCE
Insulation resistance: ≥ 100 MΩ with 500 V DC
Dielectric strength
DC power:
1500 V AC @1 minute (input to output 1 or output 2 or
power to FG)
500 V AC @1 minute (output 1 to output 2 to power)
AC power:
1500 V AC @1 minute (input to output 1 or output 2 or
power)
1500 V AC @1 minute (input to FG)
500 V AC @1 minute (output 1 to output 2 to power to FG)
STANDARDS & APPROVALS
EU conformity:
EMC Directive
EMI EN 61000-6-4
EMS EN 61000-6-2
Low Voltage Directive


Similar Part No. - M8BS1-16U0-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8BS1 MSYSTEM-M8BS1 Datasheet
93Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8BS16 MSYSTEM-M8BS16 Datasheet
490Kb / 14P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results

Similar Description - M8BS1-16U0-R

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
M8PP MSYSTEM-M8PP Datasheet
124Kb / 5P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8PA1 MSYSTEM-M8PA1 Datasheet
99Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8DM MSYSTEM-M8DM Datasheet
67Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8AP MSYSTEM-M8AP Datasheet
97Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YC MSYSTEM-M8YC Datasheet
85Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8XV2 MSYSTEM-M8XV2 Datasheet
101Kb / 4P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YS2 MSYSTEM-M8YS2 Datasheet
84Kb / 2P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8YV1 MSYSTEM-M8YV1 Datasheet
90Kb / 3P
Dual Output Super-mini Signal Conditioners Pico-M Series
PM8 MSYSTEM-PM8 Datasheet
78Kb / 1P
Dual Output Super-mini Signal Conditioners Pico-M Series
M8BS2 MSYSTEM-M8BS2 Datasheet
568Kb / 14P
Dual Output Super-mini Signal Conditioners Pico-M Series
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com