Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L431M3A Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # L431M3A
Description  2.5V Low-Voltage Adjustable Precision Shunt Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

L431M3A Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button L431M3A Datasheet HTML 3Page - List of Unclassifed Manufacturers L431M3A Datasheet HTML 4Page - List of Unclassifed Manufacturers L431M3A Datasheet HTML 5Page - List of Unclassifed Manufacturers L431M3A Datasheet HTML 6Page - List of Unclassifed Manufacturers L431M3A Datasheet HTML 7Page - List of Unclassifed Manufacturers L431M3A Datasheet HTML 8Page - List of Unclassifed Manufacturers L431M3A Datasheet HTML 9Page - List of Unclassifed Manufacturers L431M3A Datasheet HTML 10Page - List of Unclassifed Manufacturers L431M3A Datasheet HTML 11Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
2.5V Low-Voltage Adjustable
Precision Shunt Regulator
NIKO-SEM
L431
JAN-08-Y02
APPLICATION CIRCUIT
+
10uF
+
Cout
+
Cin
P01N02LM or P3055L
L431 or L432
R1
R2
1K
5V or 12V
Vin
Vout
G
D
S
A
K
R
Niko
Niko
Vout = (1 +
) Vref
R2
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com