Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAKF-480/BN Datasheet(PDF) 4 Page - M-System Co.,Ltd.

Part # MAKF-480/BN
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MAKF-480/BN Datasheet(HTML) 4 Page - M-System Co.,Ltd.

  MAKF-480/BN Datasheet HTML 1Page - M-System Co.,Ltd. MAKF-480/BN Datasheet HTML 2Page - M-System Co.,Ltd. MAKF-480/BN Datasheet HTML 3Page - M-System Co.,Ltd. MAKF-480/BN Datasheet HTML 4Page - M-System Co.,Ltd. MAKF-480/BN Datasheet HTML 5Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MODEL: MAKF
MAKF SPECIFICATIONS
ES-8143 Rev.3 Page 4/5
http://www.m-system.co.jp/
EXTERNAL DIMENSIONS & TERMINAL ASSIGNMENTS unit: mm (inch)
18 (.71)
[30 (1.18)]
5 (.20)
CHECK WINDOW
SPECIFICATION LABEL
DIN RAIL ADAPTOR
2–M5 SCREW
A
A
A : Place marking labels here.
A
TERMINAL BLOCK FOR
ALAMR OUTPUT (optional)
BASE
DIN RAIL
65 (2.56)
L1
■ HEAD ELEMENT & BASE, COMBINED
■ MARKING LABELS
(terminal identifiers, tag name labels)
HEAD ELEMENT
GRIP
GUIDING RAIL
SOCKET
ALARM OUTPUT
LEVER
PLUG
SOLDERLESS TERMINAL
ACCESS PORT
L2
L3
N
E
G
DIN RAIL
35mm wide
•When mounting, no extra space is needed between units.
51 (2.01)
[1 (.04)]
VOLTAGE ID KEY
■ HEAD ELEMENT & BASE, SEPARATED
MOUNT POSITION KEY
BASE
SPECIFICATION
LABEL
[1 (.04)]
[1.5 (.06)]



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com