Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDINS Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MDINS
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDINS Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MDINS Datasheet HTML 1Page - M-System Co.,Ltd. MDINS Datasheet HTML 2Page - M-System Co.,Ltd. MDINS Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MD-INS
MD-INS SPECIFICATIONS
ES-8109 Rev.8 Page 1/3
https://www.m-system.co.jp/
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR FOR
ISDN CIRCUIT USE
Functions & Features
• Designed specifically to protect devices connected to
ISDN circuit from lightning surges
DSU
LINE
26 [1.02]
93 [3.66]
mm [inch]
137 [5.39]
MODEL: MD-INS
ORDERING INFORMATION
• Code number: MD-INS
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection
ISDN circuit: Modular jack or M3.5 screw terminals
(torque 0.8 N·m)
Grounding: M3.5 screw terminals
(torque 0.8 N·m)
Modular jack cord: 6-pole, 2-core
Screw terminal: Nickel-plated steel
Housing material: Flame-resistant resin (black)
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail; Standard Rack Mounting
Frame BX-16H available
Weight: 150 g (0.33 lb)
PERFORMANCE
Discharge voltage (peak voltage)
Line to line: ±65 V min.
Line to ground: ±290 V min.
Maximum surge voltage
Line to line: ±100 V max.
Line to ground: ±650 V max.
(The maximum voltage that could pass through M-RESTER.
Protected equipment must be able to withstand this voltage
for very short time period.)
Response time: ≤ 0.1 μsec.
Leakage current
Line to line: ≤ 50 μA at ±65 V DC
Line to ground: ≤ 50 μA at ±140 V DC
Discharge current capacity
Modular jack connection: 500 A (8 / 20 μsec.)
Screw terminal connection: 10000 A (8 / 20 μsec.)
Max. load current: 100 mA
Internal series resistance: Approx. 4 Ω including return
Maximum line voltage: ±65 V
STANDARDS & APPROVALS
EU conformity:
RoHS Directive


Similar Part No. - MDINS

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
MDIN03G YAMAICHI-MDIN03G Datasheet
100Kb / 1P
180째 PTH Jam-Nut Socket
MDIN03J YAMAICHI-MDIN03J Datasheet
36Kb / 1P
Solder Jack, Assembly Type
MDIN03K YAMAICHI-MDIN03K Datasheet
56Kb / 1P
180째 PTH Socket
MDIN03P-POT YAMAICHI-MDIN03P-POT Datasheet
36Kb / 1P
Solder Plug, Assembly Type
MDIN03P/POT YAMAICHI-MDIN03P/POT Datasheet
36Kb / 1P
Solder Plug, Assembly Type
More results

Similar Description - MDINS

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com