Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MDH Datasheet(PDF) 1 Page - M-System Co.,Ltd.

Part # MDH
Description  Lightning Surge Protectors for Electronics Equipment M-RESTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

MDH Datasheet(HTML) 1 Page - M-System Co.,Ltd.

  MDH Datasheet HTML 1Page - M-System Co.,Ltd. MDH Datasheet HTML 2Page - M-System Co.,Ltd. MDH Datasheet HTML 3Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MODEL: MDH
http://www.m-system.co.jp/
MDH SPECIFICATIONS
ES-8169 Rev.5 Page 1/3
Lightning Surge Protectors for
Electronics Equipment M-RESTER
LIGHTNING SURGE PROTECTOR
FOR POWER SUPPLY USE
(DC power use)
Functions & Features
• Designed specifically for DC power supplies up to 5 amps
• Absorbing surges only without affecting instrumentation
signal
• Indicator LED for surge absorber failure
• Fuse provided for detaching the discharge elements
Typical Applications
• Power supplies for control equipment
• Relays, level switches, proximity switches
• Protecting the output side of a switching regulator type
power supply
50
(1.97)
123
(4.84)
80
(3.15)
mm (inch)
MODEL: MDH-[1]
ORDERING INFORMATION
• Code number: MDH-[1]
Specify a code from below for [1]
(e.g. MDH-24)
[1] OPERATIONAL VOLTAGE
12: 12 V DC
24: 24 V DC
48: 48 V DC
GENERAL SPECIFICATIONS
Construction: Plug-in
Connection: M3.5 screw terminals (torque 0.8 N·m)
Screw terminal: Chromated steel
Housing material: Flame-resistant resin (black)
Alarm indicator: Red LEDs turn off with error
INSTALLATION
Operating temperature: -5 to +55°C (23 to 131°F)
Operating humidity: 30 to 90 %RH (non-condensing)
Mounting: Surface or DIN rail
Weight: 250 g (0.55 lbs)
PERFORMANCE
Max. continuous operating voltage:
15 V DC (MDH-12)
30 V DC (MDH-24)
70 V DC (MDH-48)
Discharge voltage (peak voltage)
Line to line: 24 V min. (MDH-12)
50 V min. (MDH-24)
88 V min. (MDH-48)
Line to ground: ±380 V min.
Maximum surge voltage
Line to line:
70 V max. (MDH-12)
140 V max. (MDH-24)
210 V max. (MDH-48)
Line to ground: ±700 V max.
(The maximum voltage that could pass through M-RESTER.
Protected equipment must be able to withstand this voltage
for very short time period.)
Response time: ≤ 0.1 μsec.
Leakage current
Line to line (including the current consumed by LEDs)
≤ 15 mA at 15 V DC (MDH-12)
≤ 15 mA at 30 V DC (MDH-24)
≤ 20 mA at 70 V DC (MDH-48)
Line to ground: ≤ 1 mA at ±380 V DC
Discharge current capacity: 2000 A (8 / 20 μsec.)
Maximum load current: 5 A
Voltage drop: ≤ 1 V


Similar Part No. - MDH

ManufacturerPart #DatasheetDescription
logo
MMD Components
MDH MMD-MDH Datasheet
112Kb / 2P
MDH & MDT Series Oscillator
logo
Analog Devices
MDH-0870 AD-MDH-0870_15 Datasheet
2Mb / 8P
CURRENT AND VOLTAGE OUT
MDH-1001 AD-MDH-1001_15 Datasheet
2Mb / 8P
CURRENT AND VOLTAGE OUT
MDH-1202 AD-MDH-1202_15 Datasheet
2Mb / 8P
Current and Voltage Out, D/A Converters
logo
Eaton All Rights Reserv...
MDH-21-R EATON-MDH-21-R Datasheet
491Kb / 4P
6.3 mm x 32 mm Ferrule and axial lead, high breaking capacity, high I2t ceramic tube fuses
More results

Similar Description - MDH

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
C106A1 MSYSTEM-C106A1 Datasheet
69Kb / 2P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MD6P65 MSYSTEM-MD6P65 Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MBS MSYSTEM-MBS Datasheet
71Kb / 1P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MATP MSYSTEM-MATP Datasheet
136Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAKN MSYSTEM-MAKN Datasheet
154Kb / 6P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MAAC MSYSTEM-MAAC Datasheet
110Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDJST MSYSTEM-MDJST Datasheet
128Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDHA MSYSTEM-MDHA Datasheet
113Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPRB MSYSTEM-MDPRB Datasheet
120Kb / 3P
Lightning Surge Protectors for Electronics Equipment M-RESTER
MDPDM3 MSYSTEM-MDPDM3 Datasheet
122Kb / 4P
Lightning Surge Protectors for Electronics Equipment M-RESTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com